Electronic Components Datasheet Search
  English  ▼

X  

AD7683ARMRL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7683ARMRL7
Description  16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683ARMRL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7683ARMRL7 Datasheet HTML 6Page - Analog Devices AD7683ARMRL7 Datasheet HTML 7Page - Analog Devices AD7683ARMRL7 Datasheet HTML 8Page - Analog Devices AD7683ARMRL7 Datasheet HTML 9Page - Analog Devices AD7683ARMRL7 Datasheet HTML 10Page - Analog Devices AD7683ARMRL7 Datasheet HTML 11Page - Analog Devices AD7683ARMRL7 Datasheet HTML 12Page - Analog Devices AD7683ARMRL7 Datasheet HTML 13Page - Analog Devices AD7683ARMRL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7683
Rev. 0 | Page 10 of 16
100
95
90
85
80
17
16
15
14
13
2.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
REFERENCE VOLTAGE (V)
SNR
S/[N+D]
ENOB
Figure 13. SNR, S/(N + D), and ENOB vs. Reference Voltage
100
95
90
85
80
75
70
0
200
150
100
50
FREQUENCY (kHz)
VREF = 5V, –10dB
VREF = 5V, –1dB
VREF = 2.5V, –1dB
Figure 14. S/[N + D] vs. Frequency
–80
–85
–90
–95
–100
–105
–110
0
200
120
160
80
40
FREQUENCY (kHz)
VREF 2.5V = –1dB
VREF 5V = –1dB
Figure 15. THD, ENOB vs. Frequency
1200
1000
800
600
400
200
0
2.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
SUPPLY (V)
fS = 100kSPS
Figure 16. Operating Current vs. Supply
900
800
700
600
500
400
300
200
100
0
–55
–34
–15
5
25
45
65
85
105
125
TEMPERATURE (
°C)
VDD = 2.7V,
fS = 100kSPS
VDD = 5V,
fS = 100kSPS
Figure 17. Operating Current vs. Temperature
1000
750
500
250
0
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (
°C)
Figure 18. Power-Down Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com