Electronic Components Datasheet Search
  English  ▼

X  

MSM80C48 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM80C48
Description  CMOS 8-Bit Microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C48 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM80C48 Datasheet HTML 6Page - OKI electronic componets MSM80C48 Datasheet HTML 7Page - OKI electronic componets MSM80C48 Datasheet HTML 8Page - OKI electronic componets MSM80C48 Datasheet HTML 9Page - OKI electronic componets MSM80C48 Datasheet HTML 10Page - OKI electronic componets MSM80C48 Datasheet HTML 11Page - OKI electronic componets MSM80C48 Datasheet HTML 12Page - OKI electronic componets MSM80C48 Datasheet HTML 13Page - OKI electronic componets MSM80C48 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10/20
¡ Semiconductor
MSM80C48/49/50, MSM80C35/39/40
AC Characteristics
Parameter
Symbol
VCC=5 V±10%
11 MHz Clock
Variable clock
0 to 11 MHz
Unit
Min.
Max.
Min.
Max.
ALE Pulse Width
tLL
150
—
3.5t–170
—
ns
Address Setup Time (up to ALE)
tAL
70
—
2t–110
—
ns
Address Hold Time (from ALE)
tLA
50
—
t–40
—
ns
Bus Port Latch Data Setup Time (up to ALE Rising Edge)
tBL
110
—
2.5t –115
—
ns
Bus Port Latch Data Hold Time (from ALE Rising Edge)
tLB
90
—
1.5 t–45
—
ns
Control Pulse Width (RD, WR)
tCC1
480
—
7t–155
—
ns
Data Setup Time (before WR)
tDW
390
—
6t–155
—
ns
Data Hold after Time (after WR)
tWD
40
—
2t–140
—
ns
Data Hold Time (after RD, PSEN)
tDR
0
110
0
1.5t–30
ns
PSEN to Data-in
tRD2
—
190
—
5t–265
ns
Address Setup to WR
tAW
300
—
6t–245
—
ns
Address Setup to Data-in
tAD1
—
730
—
12t–360
ns
Address Float to PSEN
tAFC2
10
—
10
—
ns
PROG to Input Data Valid
tPR
—
650
—
9t–170
ns
Input Data Hold Time
tPF
0
140
0
1.5t
ns
Output Data Setup Time
tDP
250
—
6t–290
—
ns
Output Data Hold Time
tPD
40
—
3t–230
—
ns
PROG Pulse Width
tPP
700
—
10t–210
—
ns
Port 2 I/O Setup Time
tPL
160
—
4.5–250
—
ns
Port 2 I/O Hold Time
tLP
15
—
1.5t–120
—
ns
(VCC=2.5V to 6V (*1), Ta=–40 to +85°C)
Control Pulse Width (PSEN)
tCC2
350
—
6t–200
—
ns
RD to Data-in
tRD1
—
350
—
5t–265
ns
Address Setup to Instruction
tAD2
—
460
—
8t–265
ns
Address Float to RD, WR
tAFC1
140
—
2t–40
—
ns
Port Control Setup Time (up to PROG Falling Edge)
tCP
50
—
2t–130
—
ns
Control Pulse Setup Time from ALE (PSEN)
tLAFC2
60
—
t–30
—
ns
Control Pulse Setup Time from ALE (RD, WR)
tLAFC1
200
—
3t–75
—
ns
Control Pulse up to ALE (RD, WR, PROG)
tCA1
50
—
1.5t–85
—
ns
Control Pulse up to ALE (PSEN)
tCA2
320
—
4.5t–90
—
ns
Port Control Hold Time (from PROG Falling Edge)
tPC
100
—
4t–260
—
ns
Port Output Data (from ALE)
tPV
—
510
—
4t+145
ns
T0 Cycle
tOPRR
270
—
3t
—
ns
Instruction Execution Time
tCY
1.36
—
15t
—
ms
Note : Control output : CL=80pF
Bus output : CL=150pF [for 20 pF (tAL, tAFC1, tAFC2)]
*1 Minimum operating voltage is dependent on frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com