Electronic Components Datasheet Search
  English  ▼

X  

AD7683BRM Datasheet(PDF) 7 Page - Analog Devices

Part # AD7683BRM
Description  16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683BRM Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7683BRM Datasheet HTML 3Page - Analog Devices AD7683BRM Datasheet HTML 4Page - Analog Devices AD7683BRM Datasheet HTML 5Page - Analog Devices AD7683BRM Datasheet HTML 6Page - Analog Devices AD7683BRM Datasheet HTML 7Page - Analog Devices AD7683BRM Datasheet HTML 8Page - Analog Devices AD7683BRM Datasheet HTML 9Page - Analog Devices AD7683BRM Datasheet HTML 10Page - Analog Devices AD7683BRM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7683
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
REF
1
+IN
2
–IN
3
GND
4
VDD
8
DCLOCK
7
DOUT
6
CS
5
AD7683
TOP VIEW
(Not to Scale)
Figure 6. 8-Lead MSOP and QFN1 (LFCSP) Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type2
Function
1
REF
AI
Reference Input Voltage. The REF range is from 0.5 V to VDD. It is referred to the GND pin. This pin should
be decoupled closely to the pin with a ceramic capacitor of a few µF.
2
+IN
AI
Analog Input. It is referred to in –IN. The voltage range, i.e., the difference between +IN and –IN, is 0 V
to VREF.
3
–IN
AI
Analog Input Ground Sense. To be connected to the analog ground plane or to a remote sense ground.
4
GND
P
Power Supply Ground.
5
CS
DI
Chip Select Input. On its falling edge, it initiates the conversions. The part returns in shutdown mode as
soon as the conversion is done. It also enables DOUT. When high, DOUT is high impedance.
6
DOUT
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
7
DCLOCK
DI
Serial Data Clock Input.
8
VDD
P
Power Supply.
1 QFN package in development. Contact factory for samples and availability.
2 AI = Analog Input; DI = Digital Input; DO = Digital Output; and P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com