Electronic Components Datasheet Search
  English  ▼

X  

HT48E06 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT48E06
Description  8-Bit I/O Type MCU (With EEPROM)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48E06 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT48E06 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48E06 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
Pad Description
Pad Name
I/O
Options
Description
PA0~PA7
I/O
Pull-high*
Wake-up
Bidirectional 8-bit input/output port. Each bit can be configured as a
wake-up input by options. Software instructions determine the CMOS
output or Schmitt trigger input with pull-high resistor (determined by
pull-high options).
PB0/BZ
PB1/BZ
PB2~PB7
I/O
Pull-high*
PB0 or BZ
PB1 or BZ
Bidirectional 8-bit input/output port. Software instructions determine the
CMOS output or Schmitt trigger input with pull-high resistor (deter-
mined by pull-high options).
The PB0 and PB1 are pin-shared with BZ and BZ, respectively. Once
PB0 or PB1 is selected as buzzer driving output, the output signals
come from an internal PFD generator (shared with timer/event coun-
ter).
VSS
¾¾
Negative power supply, ground
PC0/INT
PC1/TMR
I/O
Pull-high*
Bidirectional I/O lines. Software instructions determine the CMOS out-
put or Schmitt trigger input with pull-high resistor (determined by
pull-high options). The external interrupt and timer input are pin-shared
with PC0 and PC1, respectively. The external interrupt input is acti-
vated on a high to low transition.
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
OSC1
OSC2
I
O
Crystal or RC
OSC1and OSC2 are connected to an RC network or Crystal (deter-
mined by options) for the internal system clock. In the case of RC oper-
ation, OSC2 is the output terminal for 1/4 system clock.
Note:
²*² All pull-high resistors are controlled by an option bit.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT48E06
Rev. 0.00
3
January 12, 2004
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com