Electronic Components Datasheet Search
  English  ▼

X  

MIC845 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC845
Description  Micro-Power Comparator/ Battery Monitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC845 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC845 Datasheet HTML 1Page - Micrel Semiconductor MIC845 Datasheet HTML 2Page - Micrel Semiconductor MIC845 Datasheet HTML 3Page - Micrel Semiconductor MIC845 Datasheet HTML 4Page - Micrel Semiconductor MIC845 Datasheet HTML 5Page - Micrel Semiconductor MIC845 Datasheet HTML 6Page - Micrel Semiconductor MIC845 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Micrel, Inc.
MIC845
July 2005
3
M9999-070505
(408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VDD) ..............................-0.3V to +6V
Input Voltage (VINP).................................-0.3V to +6V
Output Current (IOUT)......................................... 20mA
Junction Temperature (TJ).............. –40°C to +125°C
Storage Temperature (Ts)............... –65°C to +150°C
Lead Temperature (soldering, 5 sec.) ..............260°C
ESD Rating
(3) ........................................................3kV
Operating Ratings
(2)
Supply voltage (VDD) ........................ +2.75V to +5.5V
Input Voltage............................................... -0.3 to 6V
Ambient Temperature (TA)................ –40°C to +85°C
Junction to Ambient Thermal Resistance:
SC-70 (θJA)............................................ 450°C/W
Electrical Characteristics
2.75V < VDD < 5.5V; TA = 25°C, Bold values indicate –40°C< TA < +85°C, unless noted.
Parameter
Parameter
Conditions
Min
Typ.
Max
Units
IDD
Supply Current
No load on output
1
3
µA
IINP
Input Leakage Current
VDD = 5.5V, VINP = 0V
.005
10
nA
IINP_PD
Input Leakage Current in power down
VDD = 0V (note 4),
VINP = 5.5V
.005
10
nA
VREF
VREF
–40°C to 85°C
2.50
2.55
2.60
V
VHYST
Comparator Hysteresis
8
25
40
mV
VOUT
Output Voltage, ‘N’
ISINK = 1.6mA, VDD ≥ 2.75V
0.3
V
ISINK = 1.6mA, VDD ≥ 2.75V
0.3
V
VOUT
Output Voltage, ‘L’ and ‘H’
ISOURCE = 500µA,
VDD ≥ 2.75V
0.95
× VDD
0.99
× VDD
V
VINP = 2.7V to 2.4V
12
39
µs
tD
Propagation Delay
VINP = 2.4V to 2.7V
8
26
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model: 1.5k in series with 100pF.
4. VDD is tied to Gnd, not left floating.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com