Electronic Components Datasheet Search
  English  ▼

X  

EMB70N08CS Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMB70N08CS
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB70N08CS Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMB70N08CS Datasheet HTML 1Page - Excelliance MOS Corp. EMB70N08CS Datasheet HTML 2Page - Excelliance MOS Corp. EMB70N08CS Datasheet HTML 3Page - Excelliance MOS Corp. EMB70N08CS Datasheet HTML 4Page - Excelliance MOS Corp. EMB70N08CS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2012/7/18 
p.4 
EMB70N08CS
T   = ‐55°C
V   ‐ Gate‐Source Voltage( V )
0
2
5
GS
3
4
DS
V   = 5V
20
10
15
25
A
5
6
7
25°C
125°C
Transfer Characteristics
Body Diode Forward Voltage Variation
with Source Current and Temperature
25°C
T   = 125°C
0.6
0.1
0.0001
0
0.001
0.01
SD
0.2
0.4
V    = 0V
1
10
100
A
GS
0.8
1.0
‐55°C
1.2
V   ‐ Body Diode Forward Voltage( V )
T   = 25°C
T   = 125°C
V   ‐ Gate‐Source Voltage( V )
0.09
0
2
0.03
0.06
GS
46
A
0.18
0.12
0.15
0.21
A
810
I   = 7.5 A
D
On‐Resistance Variation with Gate‐Source Voltage
On‐Resistance Variation with Temperature
T   ‐ Junction Temperature (°C)
0.4
‐50
0.7
1.0
0
J
‐25
25
D
I   = 15A
V     = 10V
1.3
1.6
1.9
GS
125
50
75
100
150
V   ‐ Drain‐Source Voltage( V )
0
0
20
DS
4
V   = 10V
40
7V
8V
GS
6V
812
5V
16
5.5V
On‐Region Characteristics
50
30
10
On‐Resistance Variation with Drain Current and Gate Voltage
7.0 V
5.5 V
8.0 V
10 V
6.0 V
I   ‐ Drain Current( A )
0.8
0
1.0
1.2
D
10
20
V    = 5.0 V
1.4
1.6
1.8
GS
30
40
50
TYPICAL CHARACTERISTICS
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com