Electronic Components Datasheet Search
  English  ▼

X  

WNMD2173 Datasheet(PDF) 4 Page - Will Semiconductor Ltd.

Part # WNMD2173
Description  Dual N-Channel, 20V, 6A, Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNMD2173 Datasheet(HTML) 4 Page - Will Semiconductor Ltd.

  WNMD2173 Datasheet HTML 1Page - Will Semiconductor Ltd. WNMD2173 Datasheet HTML 2Page - Will Semiconductor Ltd. WNMD2173 Datasheet HTML 3Page - Will Semiconductor Ltd. WNMD2173 Datasheet HTML 4Page - Will Semiconductor Ltd. WNMD2173 Datasheet HTML 5Page - Will Semiconductor Ltd. WNMD2173 Datasheet HTML 6Page - Will Semiconductor Ltd. WNMD2173 Datasheet HTML 7Page - Will Semiconductor Ltd. WNMD2173 Datasheet HTML 8Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
WNMD2173
Will Semiconductor Ltd.
4
TEST CIRCUIT 5 RSS(on)
TEST CIRCUIT 6 VF(S-S)
VSS/IS
G1
S2
S1
VGS
G2
V
IS
G1
S2
S1
G2
V
VSS
When FET1 is measured,
FET2 is added VGS +4.5 V.
G1
S1
VGS
= 0 V
G2
V
IF
4.5 V
G1
S1
S2
G2
V
VSS
TEST CIRCUIT 7
Ciss
Coss
Crss
G1
S2
S1
G2
VSS
Capacitance
Bridge
G1
S1
G2
Capacitance
Bridge
G1
S2
S1
G2
VSS
Capacitance
Bridge
G1
S2
S1
G2
Capacitance
Bridge
G1
S2
S1
G2
VSS
Capacitance
Bridge
G1
S2
S1
G2
Capacitance
Bridge
TEST CIRCUIT 8 td(on), tr, td(off), tf
G1
S2
S1
RG
G2
V
RL
VDD
PG.
V
0
VGS
τ = 1 s
μ
Duty Cycle
≤ 1%
VGS
Wave Form
VSS
Wave Form
VGS
10%
90%
VGS
10%
0
VSS
90%
90%
td(on)
tr
td(off)
tf
10%
τ
VSS
0
ton
toff
TEST CIRCUIT 9 QG
G1
S2
S1
IG = 2 mA
G2
A
RL
VDD
PG.
50
Ω
A
PG.
2018
- Rev.1.5
/ 7/ 17



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com