Electronic Components Datasheet Search
  English  ▼

X  

WNMD2179 Datasheet(PDF) 4 Page - Will Semiconductor Ltd.

Part # WNMD2179
Description  Dual N-Channel, 20V, 6.3A, Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNMD2179 Datasheet(HTML) 4 Page - Will Semiconductor Ltd.

  WNMD2179 Datasheet HTML 1Page - Will Semiconductor Ltd. WNMD2179 Datasheet HTML 2Page - Will Semiconductor Ltd. WNMD2179 Datasheet HTML 3Page - Will Semiconductor Ltd. WNMD2179 Datasheet HTML 4Page - Will Semiconductor Ltd. WNMD2179 Datasheet HTML 5Page - Will Semiconductor Ltd. WNMD2179 Datasheet HTML 6Page - Will Semiconductor Ltd. WNMD2179 Datasheet HTML 7Page - Will Semiconductor Ltd. WNMD2179 Datasheet HTML 8Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Characteristics (Ta=25
oC, unless otherwise noted)
rwise noted)
Output characteristics
Output characteristics
Transfer characteristics
Transfer characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
T=25
oC
T=125
oC
T=-50
oC
V
GS
-Gate to Source Voltage
WNMD2179
Will Semiconductor Ltd.
4
0
1
2
3
4
5
0
10
20
30
V
GS=4.5V 3V 2.5V
V
GS=2V
V
DS-Drain-to-Source Voltage(V)
V
GS=1.5V
On-Resistance vs. Drain current
On-Resistance vs. Gate-to-Source voltage
2
4
6
8
10
10
20
30
40
I
D=-6.3A
V
GS-Gate to Source Voltage(V)
On-Resistance vs. Junction temperature
Threshold voltage vs. Temperature
-50
0
50
100
150
0.75
1.00
1.25
1.50
V
GS=4.5V
I
D=6.3A
Temperature(C)
-50
0
50
100
150
0.4
0.6
0.8
1.0
1.2
I
D=250uA
Temperature (C)
0
5
10
15
20
14
16
18
20
22
24
26
V
GS=2.5V
V
GS=3.8V
V
GS=4.5V
I
DS-Drain to Source Current(A)
2017/6/1 - Rev.1.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com