Electronic Components Datasheet Search
  English  ▼

X  

WNMD2186 Datasheet(PDF) 4 Page - Will Semiconductor Ltd.

Part # WNMD2186
Description  Dual N-Channel, 20V, 12A, Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNMD2186 Datasheet(HTML) 4 Page - Will Semiconductor Ltd.

  WNMD2186 Datasheet HTML 1Page - Will Semiconductor Ltd. WNMD2186 Datasheet HTML 2Page - Will Semiconductor Ltd. WNMD2186 Datasheet HTML 3Page - Will Semiconductor Ltd. WNMD2186 Datasheet HTML 4Page - Will Semiconductor Ltd. WNMD2186 Datasheet HTML 5Page - Will Semiconductor Ltd. WNMD2186 Datasheet HTML 6Page - Will Semiconductor Ltd. WNMD2186 Datasheet HTML 7Page - Will Semiconductor Ltd. WNMD2186 Datasheet HTML 8Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
WNMD2186
Will Semiconductor Ltd.
4
Mar, 2019- Rev.1.0
Typical Characteristics (Ta=25oC, unless otherwise noted)
Output Characteristics e
Transfer Characteristics e
On-Resistance vs. Drain Current e
On-Resistance vs. Gate-to-Source Voltage e
On-Resistance vs. Junction Temperature e
Threshold Voltage vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
5
10
15
20
25
30
35
40
V
GS
=2.5V
V
GS
=4V
V
GS
=4.5V
V
GS
=2V
V
GS
=1.8V
V
DS
-Drain-to-Source Voltage(V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
30
35
40
T=-50
oC
T=25
oC
T=150
oC
V
GS
-Gate to Source Voltage(V)
V
DS
=5V
2
4
6
8
10
12
14
16
18
20
0.008
0.010
0.012
0.014
0.016
0.018
0.020
0.022
V
GS
=4.5V
V
GS
=4V
V
GS
=2.5V
V
GS
=1.8V
I
DS
-Drain to Source Current(A)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
I
D
=12A
V
GS
-Gate to Source Voltage (V)
-50
-25
0
25
50
75
100
125
150
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
V
GS
=4.5V
I
D
=12A
Temperature (
oC)
-50
-25
0
25
50
75
100
125
150
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
I
D
=250uA
Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com