Electronic Components Datasheet Search
  English  ▼

X  

MSM80C35 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM80C35
Description  CMOS 8-Bit Microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C35 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM80C35 Datasheet HTML 2Page - OKI electronic componets MSM80C35 Datasheet HTML 3Page - OKI electronic componets MSM80C35 Datasheet HTML 4Page - OKI electronic componets MSM80C35 Datasheet HTML 5Page - OKI electronic componets MSM80C35 Datasheet HTML 6Page - OKI electronic componets MSM80C35 Datasheet HTML 7Page - OKI electronic componets MSM80C35 Datasheet HTML 8Page - OKI electronic componets MSM80C35 Datasheet HTML 9Page - OKI electronic componets MSM80C35 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6/20
¡ Semiconductor
MSM80C48/49/50, MSM80C35/39/40
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage
VCC
Ta=25°C
–0.5 to 7
V
Input Voltage
VI
Ta=25°C
–0.3 to VCC +0.5
V
Storage Temperature
TSTG
—
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
Supply Voltage
VCC
fOSC=DC to 11MHz*
+2.5 to +6
V
Ambient Temperature
Ta
—
–40 to +85
°C
Fan Out
N
MOS load
10
—
TTL load
1
—
*
Minimum operating voltage is dependent on frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com