Electronic Components Datasheet Search
  English  ▼

X  

LT1990 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1990
Description  250V Input Range G = 1, 10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1990 Datasheet HTML 8Page - Linear Technology LT1990 Datasheet HTML 9Page - Linear Technology LT1990 Datasheet HTML 10Page - Linear Technology LT1990 Datasheet HTML 11Page - Linear Technology LT1990 Datasheet HTML 12Page - Linear Technology LT1990 Datasheet HTML 13Page - Linear Technology LT1990 Datasheet HTML 14Page - Linear Technology LT1990 Datasheet HTML 15Page - Linear Technology LT1990 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT1990
14
1990f
APPLICATIO S I FOR ATIO
Figure 2. PWM-Based ±1A Electromagnet Current Controller
PLLLPF
RSLEW
SDSYNC
CNTRL
EAOUT
FB
AGND
SS
ILIM
VSET
FAULT
VTHRM
H/C
VTEC
RT
CT
VREF
PDRVB
NDRVB
VDD
PGND
NDRVA
PDRVA
CS+
CS–
ITEC
TEC+
TEC–
LTC1923
VDD
–
+
LT1990
REF
10k
10k
330pF
1µF
10µF
L1
10µH
VDD
RS
0.1
C1, C2, C3: TAIYO YUDEN JMK325BJ226MM-T (X7R)
L1, L2: SUMIDA CDRH6D2B-220NC
*MNA, MPA: SILICONIX Si9801
**MNB, MPB: SILICONIX Si9801
1990 F02
10nF
10nF
1µF
100k
100k
20k
100k
10k
1µF
L2
10µH
C1
22µF
C2
22µF
C3
22µF
MPA*
VREF
MPB**
MNA*
MNB**
100k
82k
G2
G1
1
4
8
6
5
7
3
2
VIN+
VIN–
VDD
ICOIL ELECTRO-
MAGNET
COIL
0.1
ICOIL = (VIN+ – VIN)/(10 • RS)
(i.e. ±1A FOR ±1V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com