Electronic Components Datasheet Search
  English  ▼

X  

43F Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part # 43F
Description  RJ45 Jack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

43F Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  43F Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 43F Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical and Dimension
Schematics
YUAN DEAN SCIENTIFIC CO.,LTD
Rev: 1
2018/11/12
1
8
1
2
3
4
4-
0.
92
2.00
7.00
13.14
16.40
(16.78)
@2.03X5=10.15
7.06
12.14
4-φ1.58
6- 0.90
2- 2.30
2.03
Green/Orange
Yellow
26.00
(8.02)
19.57
14.05
PRE-SOLDERING
2.50
2.30
8.75
(2.64)
10.64
UNIT:mm
9
10
7 8
6 5 4 3 2 1
1 2 3 4
PC Board Layout
Component Side Shown
16.78
16.12+0,60
-0,20
43F/44F SERIES
43F
2.0
7.00
13.14
16.70
16.89
2.54
9.38
2.54
10.15
2.62
2.87
O 0.90x8
PC Board Layout
Component Side Shown
26.10MAX
3.18±0.51
8
1
O 0.96x4
7
8
9
10
4
5
6
7
8
4
3
2
1
O 2.30x4
O1.58x4
Green/Orange
Yellow
5 6
7
8
1 2
3
4
7.75
10.62
18.36
22.10
2.44
3
5
6
2 1
O 0.90x6
1.25
17.40MAX
PRE-SOLDERING
2.5
2.06
44F
P1
P3
P2
P4
P5
P6
P7
P8
J8
J7
J6
J5
J4
J3
J2
J1
1000pF/2KV
TX
RX
75Ω
75Ω
75Ω
75Ω
SHIELD
43F
44F
10
9
7
8
Green
Yellow
Orange
Left LED
Right LED



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com