Electronic Components Datasheet Search
  English  ▼

X  

HT560SQ Datasheet(PDF) 3 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT560SQ
Description  2*30W I2S Input Stereo Class D Amplifiera
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT560SQ Datasheet(HTML) 3 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT560SQ Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT560SQ Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT560SQ Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT560SQ Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT560SQ Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HT560
I2S Input Stereo Class D Amplifier
Copyright©2018, Jiaxing Heroic Technology Co., Ltd
-3-
7/2018 – V1.0
12
LRCK
I
Word select clock for the digital signal that is active on the serial port's input
data line
13
DGND
G
Ground for digital circuitry (NOTE: This pin should be connected to the
system ground)
14
NC
-
Not connected inside the device (all "no connect" pins should be connected
to ground for best thermal performance, however they can be used as routing
channels if required.)
15
LIM
I
Selects mode of Digital Output Clipper or AGC
16
AVDD
P
Power supply for internal analog circuitry
17
PVDDB
P
Power Supply for internal power circuitry of Channel B
18
PVDDB
P
19
BSB+
BST
Connection point for the OUTB+ bootstrap capacitor, which is used to create
a power supply for the high-side gate drive for OUTB+
20
OUTB+
O
Positive pin for differential speaker amplifier output B
21
OUTB-
O
Negative pin for differential speaker amplifier output B
22
BSB-
BST
Connection point for the OUTB- bootstrap capacitor, which is used to create
a power supply for the high-side gate drive for OUTB-
23
PGND
G
Ground for power device circuitry (NOTE: This terminal should be
connected to the system ground)
24
BSA-
BST
Connection point for the OUTA- bootstrap capacitor, which is used to create
a power supply for the high-side gate drive for OUTA-
25
OUTA-
O
Negative pin for differential speaker amplifier output A
26
OUTA+
O
Positive pin for differential speaker amplifier output A
27
BSA+
BST
Connection point for the OUTA+ bootstrap capacitor, which is used to
create a power supply for the high-side gate drive for OUTA
28
PVDDA
P
Power Supply for internal power circuitry of Channel A
29
PVDDA
P
30
PVDDA
P
31
GGND
G
Ground for gate drive circuitry (this terminal should be connected to the
system ground)
32
GVDD
O
Voltage regulator derived from PVDD supply (NOTE: This pin is provided
as a connection point for filtering capacitors for this supply and must not be
used to power any external circuitry)
33
SFT_CLIP
I
Sets the maximum output voltage before clipping (Limiter Level)
34
ANA_REG
P
Voltage regulator derived from AVDD supply (NOTE: This terminal is
provided as a connection point for filtering capacitors for this supply and
must not be used to power any external circuitry)
35
VCOM
P
Bias voltage for internal PWM conversion block
36
ANA_REF
P
Connection point for internal reference used by ANA_REG and VCOM
filter capacitors. And connect to system GND net.
/
EP
G
Provides both electrical and thermal connection from the device to the
board. A matching ground pad must be provided on the PCB and the
device connected to it via solder. For proper electrical operation, this
ground pad must be connected to the system ground.
*1: I: Input; O: Output; G: Ground; P: Power; BST: BOOT Strap



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com