Electronic Components Datasheet Search
  English  ▼

X  

7544 Datasheet(PDF) 2 Page - Bookly Micro electronic

Part # 7544
Description  Low Power LDO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

7544 Datasheet(HTML) 2 Page - Bookly Micro electronic

  7544 Datasheet HTML 1Page - Bookly Micro electronic 7544 Datasheet HTML 2Page - Bookly Micro electronic 7544 Datasheet HTML 3Page - Bookly Micro electronic 7544 Datasheet HTML 4Page - Bookly Micro electronic 7544 Datasheet HTML 5Page - Bookly Micro electronic 7544 Datasheet HTML 6Page - Bookly Micro electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pin Assignment
Absolute Maximum Ratings
Supply Voltage ..........................................
-0.3V to 18V
Storage Temperature ............................
-
50
°Cto125°C
Power Consumption (*1) .................................. 250mW
Operating Temperature...........................
-40°Cto85°C
Power Consumption (*2) .................................. 150mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
*1: applied to SOT89 and TO-92
*2: applied to SOT-25
Electrical Characteristics
HT7530-1, +3.0V Output Type
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage Tolerance
5V
IOUT=10mA
2.91
3.0
3.09
V
IOUT
Output Current
5V
¾
60
100
¾
mA
DVOUT
Load Regulation
5V
1mA
£IOUT£50mA
60
150
mV
VDIF
Voltage Drop
¾
IOUT=1mA
¾
100
¾
mV
ISS
Current Consumption
5V
No load
¾
2.5
5
mA
Line Regulation
¾
4V
£VIN£24V
IOUT=1mA
¾
0.2
¾
%/V
VIN
Input Voltage
¾¾
¾
¾
2
0
V
Temperature Coefficient
5V
IOUT=10mA
0
°C<Ta<70°C
¾±0.45
¾
mV/
°C
Rev. 1.50
2
January 12, 2006
T O - 9 2
G N D
V I N
V O U T
S O T - 8 9
V O U T
G N D V I N
7 5 X X - 1
F r o n t V i e w
B o t t o m V i e w
S O T - 2 5
G N D
V I N
V O U T
G N D
V I N
V O U T
N C
N C
T o p V i e w
G N D
V I N
V O U T
7 5 X X - 1
5 X X 1
D V O U T
D T a
D V O U T
D V I N ´ V O U T
BM
75xx Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com