Electronic Components Datasheet Search
  English  ▼

X  

70301032 Datasheet(PDF) 2 Page - Bookly Micro electronic

Part # 70301032
Description  Synchronous Step-Down Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKLY [Bookly Micro electronic]
Direct Link  http://www.bookly.com/
Logo BOOKLY - Bookly Micro electronic

70301032 Datasheet(HTML) 2 Page - Bookly Micro electronic

  70301032 Datasheet HTML 1Page - Bookly Micro electronic 70301032 Datasheet HTML 2Page - Bookly Micro electronic 70301032 Datasheet HTML 3Page - Bookly Micro electronic 70301032 Datasheet HTML 4Page - Bookly Micro electronic 70301032 Datasheet HTML 5Page - Bookly Micro electronic 70301032 Datasheet HTML 6Page - Bookly Micro electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
Vin, EN, Voltage …………………... -0.3V to 19V
Operating Temperature Range ….. -40°C to +85°C
FB Voltages …………………………… -0.3 to 6V
Lead Temperature (Soldering, 10s) ……... +300°C
Thermal Resistance (θJA) ……………..
160 °C/W
Thermal Resistance(θJC)………...…130 °C/W
SW Voltage ……………………… -0.3V to (VIN+0.5V)
Storage Temperature Range …………… -65°C to 150°C
BS Voltage …………………….. (Vsw-0.3) to (Vsw+5V)
ESD (Machine Made) MM…………….…………200V
ESD (Human Body Made) HMB…………………2KV
Note 1: Exceeding these ratings may damage the device.
Note 2: The device is not guaranteed to function outside of its operating conditions
Pin Description
Pin Configuration
5
BS
FB
EN
GND
IN
SW
4
6
2
3
1
5
BS
FB
EN
GND
IN
SW
4
6
2
3
1
TOP VIEW
SOT23-6
5
BS
FB
EN
GND
IN
SW
4
6
2
3
1
TOP VIEW
SOT23-6
Pin Description
Pin
Name
Function
1
GND
GROUND Pin
2
SW
Switching Pin
3
IN
Power Supply Pin
4
FB
Adjustable Version Feedback input. Connect FB to the center point of the external
resistor divider
5
EN
Drive this pin to a logic-high to enable the IC. Drive to a logic-low to disable the IC
and enter micro-power shutdown mode.
6
BS
Bootstrap. A capacitor connected between SW and BST pins is required to form a
floating supply across the high-side switch driver.
Order Information
Marking
Part No.
Model
Description
Package
MOQ
BFYLL
70301032
BM1588
BM1588 Buck, 4-18V, 2A, 500KHz, VFB
0.8V, SOT23-6
SOT23-6
3000PCS
BM1588
BooklyMicro semiconductors
www.bookly.com
BM1588
BM1588A
VFB=0.6V
VFB=0.8V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com