Electronic Components Datasheet Search
  English  ▼

X  

SDC211 Datasheet(PDF) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC211
Description  Two-Phase DC Fan Driver with FG
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC211 Datasheet(HTML) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC211 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC211 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC211 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC211 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC211 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC211 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC211 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC211 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
December, 2013 Rev. 1.2
1/8
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Two-Phase DC Fan Driver with FG
SDC211
General Description
The SDC211 is a chip that is composed of Hall sensor and
output coil drivers, it’s applied to two phase DC motor.
The high sensitivity of Hall effect sensor is suitable for
motors from mini-type CPU coolers to DC fans. Typical
operation current is 250mA and operating voltage range
is wide. FG signal provides a square waveform output for
the detection of the motor speed.
Features
Built-in Hall sensor/drivers
Wide operating voltage range: 4.0V~20V
Output sink current up to 250mA
Low quiescent supply current under 5mA
Built-in FG output
Package: TO-94
Applications
Dual coils brushless DC motor
Dual coils brushless DC fan
Revolution counting
Speed measurement
Figure 1. Package Type
TO-94
SDC
CONFIDENTIAL
DOCUMENT


Similar Part No. - SDC211

ManufacturerPart #DatasheetDescription
logo
Shaoxing Devechip Micro...
SDC212 SDC-SDC212 Datasheet
452Kb / 10P
MicroPower Hall-Effect Switch
SDC212JTR-E1 SDC-SDC212JTR-E1 Datasheet
452Kb / 10P
MicroPower Hall-Effect Switch
SDC212JTR-G1 SDC-SDC212JTR-G1 Datasheet
452Kb / 10P
MicroPower Hall-Effect Switch
SDC212ZS-E1 SDC-SDC212ZS-E1 Datasheet
452Kb / 10P
MicroPower Hall-Effect Switch
SDC212ZS-G1 SDC-SDC212ZS-G1 Datasheet
452Kb / 10P
MicroPower Hall-Effect Switch
More results

Similar Description - SDC211

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS278 ANACHIP-ATS278 Datasheet
210Kb / 6P
Two Phase Hall Effect Latch With FG Output
Rev. 1.0 Oct 4, 2005
logo
BCD Semiconductor Manuf...
AH211 BCDSEMI-AH211 Datasheet
191Kb / 11P
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH9281 BCDSEMI-AH9281 Datasheet
157Kb / 2P
Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281Z5-G1 BCDSEMI-AH9281Z5-G1 Datasheet
456Kb / 14P
Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281 BCDSEMI-AH9281_11 Datasheet
470Kb / 16P
Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
logo
Shaoxing Devechip Micro...
SDC280 SDC-SDC280 Datasheet
295Kb / 9P
Smart Two-Phase DC Fan
SDC281 SDC-SDC281 Datasheet
265Kb / 10P
Smart Two-Phase DC Fan Driver
SDC283 SDC-SDC283 Datasheet
233Kb / 9P
Two-Phase DC Fan Driver
logo
Prolific Technology Inc...
PT3936 PROLIFIC-PT3936 Datasheet
339Kb / 1P
Single Coil Fan Driver with FG Output
PT3956 PROLIFIC-PT3956 Datasheet
313Kb / 1P
Single Coil Fan Driver with FG Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com