Electronic Components Datasheet Search
  English  ▼

X  

SDC212 Datasheet(PDF) 4 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC212
Description  MicroPower Hall-Effect Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC212 Datasheet(HTML) 4 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC212 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC212 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC212 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC212 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC212 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC212 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC212 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC212 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC212 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Datasheet
December, 2013 Rev. 1.2
4/10
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
MicroPower Hall-Effect Switch
SDC212
Absolute Maximum Ratings (Note: Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device.)
Parameter
Symbol
Conditions
Value
Unit
Storage temperature
TS
-
-40~150
°C
Supply voltage
VDD
-
2.4~5.0
V
Supply current
IDD
-
-1~2.5
mA
Magnetic flux density
B
-
-
GS
Maximum junction temperature
TJ
-
125
°C
Maximum lead soldering temperature
-
10 seconds
260
°C
ESD,HBM model per Mil-Std-883H,Method 3015
HBM
-
2000
V
ESD,MM model per JEDEC EIA/JESD22-A115
MM
-
200
V
Latch-up test per JEDEC 78
-
—
200
mA
Table 2. Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply voltage range
VDD
-
2.4
2.7
4.5
V
Output voltage range
VOUT
-
-0.3
2.7
4.5
V
Operating temperature
Ta
-
-40
25
85
°C
Table 3. Recommended Operating Conditions
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com