Electronic Components Datasheet Search
  English  ▼

X  

SDC431 Datasheet(PDF) 4 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC431
Description  Programmable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC431 Datasheet(HTML) 4 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC431 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC431 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC431 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC431 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC431 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC431 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC431 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC431 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC431 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Datasheet
December, 2014 Rev. 2.1
4/11
©
2014 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Programmable Shunt Regulator
SDC431
Absolute Maximum Ratings (NOTE: Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device.)
Parameter
Symbol
Max
Unit
Cathode voltage
V
40
KA
V
Cathode current range
I
-100~150
KA
mA
Reference input current range
I
10
REF
mA
Power dissipation1 (SOT-23)
P
370
D1
mW
Power dissipation2 (TO-92)
P
770
D2
mW
Operation temperature range
T
-40~125
OPR
°C
Storage temperature range
T
-60~150
STG
°C
Table1. Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Cathode voltage
V
2.5
KA
36
V
Cathode current range
I
1
KA
10
mA
Operation temperature
T
-40
OPR
85
°C
Table 2. Recommended Operating Conditions
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com