Electronic Components Datasheet Search
  English  ▼

X  

SDC606P Datasheet(PDF) 2 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC606P
Description  Current Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC606P Datasheet(HTML) 2 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC606P Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606P Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606P Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606P Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606P Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606P Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606P Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606P Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC606P Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Datasheet
December, 2013 Rev. 1.2
2/11
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Current Mode PWM Controller
SDC606P
Pin Configuration
OB
VCC
GND
FB
OC
OC
NC
IS
1
2
3
4
5
6
7
8
Package: DIP-8
Figure 2. Pin Configuration
Pin Number
Pin Name
Function
1
OB
Startup current input, connecting to startup resistor
2
VCC
Supply voltage pin
3
GND
Ground
4
FB
Feedback pin
5
IS
Cycle-by-cycle current limit, connecting a resistor to GND
6
NC
NC
7,8
OC
Output of HV transistor, connecting to primary wind of transformer
Table 1. Pin Description
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com