Electronic Components Datasheet Search
  English  ▼

X  

XC7445B Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # XC7445B
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XC7445B Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button XC7445B Datasheet HTML 35Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 36Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 37Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 38Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 39Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 40Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 41Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 42Page - Freescale Semiconductor, Inc XC7445B Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
39
Pinout Listings
GND
A22, B1, B5, B12, B14, B16, B18, B20, C3,
C9, C21, D7, D13, D15, D17, D19, E2, E5,
E21, F10, F12, F14, F16, F19, G4, G7, G17,
G21, H13, H15, H19, H5, J3, J10, J12, J14,
J17, J21, K5, K9, K11, K13, K15, K19, L10,
L12, L14, L17, L21, M3, M6, M9, M11, M13,
M19, N10, N12, N14, N17, N21, P3, P9, P11,
P13, P15, P19, R17, R21, T13, T15, T19, T4,
T7, T9, U17, U21, V2, V5, V8, V12, V15, V19,
W7, W17, W21, Y3, Y9, Y13, Y15, Y20, AA5,
AA17, AB1, AB22
——
N/A
GVDD
B13, B15, B17, B19, B21, D12, D14, D16,
D18, D21, E19, F13, F15, F17, F21, G19,
H12, H14, H17, H21, J19, K17, K21, L19,
M17, M21, N19, P17, P21, R15, R19, T17,
T21, U19, V17, V21, W19, Y21
——
N/A
15
HIT
K2
Low
Output
BVSEL
4
HRESET
A3
Low
Input
BVSEL
INT
J6
Low
Input
BVSEL
L1_TSTCLK
H4
High
Input
BVSEL
9
L2_TSTCLK
J2
High
Input
BVSEL
12
L3VSEL
A4
High
Input
N/A
3, 7
L3ADDR[17:0]
F20, J16, E22, H18, G20, F22, G22, H20,
K16, J18, H22, J20, J22, K18, K20, L16, K22,
L18
High
Output
L3VSEL
L3_CLK[0:1]
V22, C17
High
Output
L3VSEL
L3_CNTL[0:1]
L20, L22
Low
Output
L3VSEL
L3DATA[0:63]
AA19, AB20, U16, W18, AA20, AB21, AA21,
T16, W20, U18, Y22, R16, V20, W22, T18,
U20, N18, N20, N16, N22, M16, M18, M20,
M22, R18, T20, U22, T22, R20, P18, R22,
M15, G18, D22, E20, H16, C22, F18, D20,
B22, G16, A21, G15, E17, A20, C19, C18,
A19, A18, G14, E15, C16, A17, A16, C15,
G13, C14, A14, E13, C13, G12, A13, E12,
C12
High
I/O
L3VSEL
L3DP[0:7]
AB19, AA22, P22, P16, C20, E16, A15, A12
High
I/O
L3VSEL
L3_ECHO_CLK[0,2]
V18, E18
High
Input
L3VSEL
L3_ECHO_CLK[1,3]
P20, E14
HIgh
I/O
L3VSEL
LSSD_MODE
F6
Low
Input
BVSEL
2, 7
MCP
B8
Low
Input
BVSEL
Table 16. Pinout Listing for the MPC7455, 483 CBGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com