Electronic Components Datasheet Search
  English  ▼

X  

HT5011 Datasheet(PDF) 3 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT5011
Description  24-Bit, 192kHz Stereo D/A Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT5011 Datasheet(HTML) 3 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT5011 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT5011 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT5011 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT5011 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HT5010/1/2
D/A Converter
Copyright©2018, Jiaxing Heroic Technology Co., Ltd
-3-
12/2018 – V0.6
TERMINAL CONFIGURATION
1
2
3
4
7
SDIN
DEM/SCLK
LRCK
MCLK
AOUTR
VA
FILT+
TSSOP10L Top View
5
6
VQ
AOUTL
GND
8
9
10
TERMINAL FUNCTION
Terminal
No.
NAME
I/O1
Description
1
SDIN
I
Serial audio data input.
2
DEM/SCLK
I
De-emphasis / external serial clock input
3
LRCK
I
Left right clock
4
MCLK
I
Master clock
5
VQ
O
Filter connection for internal quiescent voltage
6
FILT+
O
Positive reference voltage for the internal sampling
7
AOUTL
O
Left channel analog output
8
GND
G
Ground
9
VA
P
Analog power supply
10
AOUTR
O
Right channel analog output
ORDERING INFORMATION
Part Number
Data Format
Package Type
Marking
Operating
Temperature Range
Container
HT5010
I2S
MSOP-10
HT5010
UVWXYZ2
-40
℃~85℃
Tape and Reel
HT5011
Left Justified
MSOP-10
HT5011
UVWXYZ
-40
℃~85℃
Tape and Reel
HT5012
Right Justified
MSOP-10
HT5012
UVWXYZ
-40
℃~85℃
Tape and Reel
1 I: input
O: output G: GNDP: Power
2 UVWXYZ is production track code.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com