Electronic Components Datasheet Search
  English  ▼

X  

HT5012 Datasheet(PDF) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT5012
Description  24-Bit, 192kHz Stereo D/A Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT5012 Datasheet(HTML) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT5012 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT5012 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT5012 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT5012 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HT5010/1/2
D/A Converter
Copyright©2018, Jiaxing Heroic Technology Co., Ltd
-1-
12/2018 – V0.6
24-Bit, 192kHz立体声D/A转换器
FEATURES
・支持多种音频数字输入格式, 最大支持24-bit字节
・可自动检测采样频率,最高192kHz
・105dB动态范围
・-90dB THD+N
・集成多比特位的Δ-Σ调制器
・支持3.3V单电源供电
・具有强抗时钟抖动能力
・内部集成输出滤波
・集成数字去重,外部无需SCLK
・输出pop声抑制
・MSOP10封装
APPLICATIONS
・音响 ・DVD
・电视机
・机顶盒 ・数码相框 ・家庭影院
DESCRIPTION
HT5010/1/2系列产品是一款低成本的立体声DA转换
器,内部集成了内插滤波器、
DA转换器和输出模拟
滤波等电路。其可支持多种音频数字输入格式,最大
支持
24-bit字节。
该系列产品基于一个多比特位的Δ
-Σ调制器,将数
字信号转化成两个声道的模拟信号并经过模拟滤波
器滤波。该Δ
-Σ调制器对时钟抖动的敏感度很低,
且在带宽范围外具有极低的噪声。其还可使用采样率
和主时钟比作为自采样率(
2kHz – 200kHz),从而
实现自动检测采样频率的功能。
该系列产品还集成了数字去重,
3.3V单电源供电,无
需外部
SCLK,简化了外围电路,适用于DVD、数字
电视、家庭影院、机顶盒等。
该系列产品为
MSOP10封装。
BLOCK DIAGRAM


Similar Part No. - HT5012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT506 ETC1-HT506 Datasheet
50Kb / 4P
HIGH TEMPERATURE ANALOG MULTIPLEXERS 16-CHANNEL SINGLE / 8-CHANNEL DUAL
logo
Honeywell Solid State E...
HT506 HONEYWELL-HT506 Datasheet
262Kb / 4P
High Temperature Analog Multiplexers
logo
List of Unclassifed Man...
HT506DB ETC1-HT506DB Datasheet
50Kb / 4P
HIGH TEMPERATURE ANALOG MULTIPLEXERS 16-CHANNEL SINGLE / 8-CHANNEL DUAL
HT506DC ETC1-HT506DC Datasheet
50Kb / 4P
HIGH TEMPERATURE ANALOG MULTIPLEXERS 16-CHANNEL SINGLE / 8-CHANNEL DUAL
HT507 ETC1-HT507 Datasheet
50Kb / 4P
HIGH TEMPERATURE ANALOG MULTIPLEXERS 16-CHANNEL SINGLE / 8-CHANNEL DUAL
More results

Similar Description - HT5012

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
Cirrus Logic
CS4344 CIRRUS-CS4344 Datasheet
882Kb / 23P
10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
24-Bit, 192kHz Stereo ADC
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
CS4344 CIRRUS-CS4344_05 Datasheet
539Kb / 24P
10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
192kHz 24-Bit Stereo
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com