Electronic Components Datasheet Search
  English  ▼

X  

74F Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part # 74F
Description  RJ45 Jack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

74F Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  74F Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 74F Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical and Dimension
Schematics
YUAN DEAN SCIENTIFIC CO.,LTD
Rev: 0
2018/11/13
PIN 0.45
LED 0.45
15.49
4.57
11.43
1
2
1
2
9
10
9
10
11
12
13
14
15
16
17
18
1
2
1
2
9
10
8
1
1
8
E
F
LED 4
27.94
13.97
13.97
58.92
53.34
28.40
3x2.03=6.09
4.06TYP
1.27TYP
2.41TYP
9xO1.60
2xO3.25
RJ45 PIN
LED PIN
112xO0.90
8
1
1
8
A
B
59.18
LED 1
LED 2
LED 3
8
1
1
8
G
H
8
1
1
8
C
D
9
10
11
12
13
14
15
16
17
18
1
2
1
2
9
10
9
10
11
12
13
14
15
16
17
18
1
2
1
2
9
10
9
10
A
B C
D E
F G
H
LED3
LED1
LED4
LED2
11 12
13
14
15
16
17
18
PRE-SOLDERING
1
2
1
2
9
10
9
10
11
12
13
14
15
16
17
18
PC Board Layout Component Side Shown
1
2
1
2
9
10
9
10
1
2
1
2
9
10
9
10
11
12
13
14
15
16
17
18
1
2
1
2
9
10
9
10
11
12
13
14
15
16
17
18
11
12
13
14
15
16
17
18
A
B
C
D
E
F
G
H
12.70
27.94
58.92
53.34
2.57
0.1uF/50V
0.1uF/50V
75
Ω
75
Ω
75
Ω
SHIELD
TRD0-
TRD0+
TRD1-
TRD1+
TRD2-
TRD2+
TRD3-
TRD3+
TRD0+
TRD0-
TRD1+
TRD1-
TRD2+
TRD2-
TRD3+
TRD3-
VCC
GND
75
Ω
P8
P7
P6
P4
P3
P2
P1
P5
J8
J7
J6
J5
J4
J3
J2
J1
1000pF/2KV
P10
P9
75
Ω
SHIELD
TRD0-
TRD0+
TRD1-
TRD1+
TRD2-
TRD2+
TRD3-
TRD3+
TRD0+
TRD0-
TRD1+
TRD1-
TRD2+
TRD2-
TRD3+
TRD3-
0.1uF
0.1uF
0.1uF
0.1uF
P8
P7
P6
P4
P3
P2
P1
P5
J8
J7
J6
J5
J4
J3
J2
J1
P10
P9
1000pF/2KV
75
Ω
75
Ω
75
Ω
74F-4002
74F-4003
74F SERIES
T2
P10
P9
1000pF/2KV
T1
P8
P7
P6
P4
P3
P2
P1
P5
J8
J7
J6
J5
J4
J3
J2
J1
T3
SHIELD
TD1+
TD1-
TD2+
TD2-
CT
CT
TD3+
TD3-
TD4+
TD4-
TX1+
TX1-
TX2+
TX3+
TX3-
TX2-
TD4+
TD4-
75
Ω
75
Ω
75
Ω
75
Ω
T4
74F-4004
J7
J6
J5
J4
J3
J2
J1
P8
P7
P6
P4
P3
P2
P1
P5
J8
75
Ω
P10
P9
0.1uF
0.1uF
0.1uF
0.1uF
1000pF/2KV
TRD0+
TRD0-
TRD1+
TRD1-
TRD2+
TRD2-
TRD3+
TRD3-
TP0+
TP0-
TP1+
TP2+
TP2-
TP1-
TP3+
TP3-
SHIELD
VCC
GND
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
T2
P10
P9
0.1uF
1000pF/2KV
TRD0-
TRD0+
TRD1-
TRD1+
TRD2-
TRD2+
TRD3-
TRD3+
TP0+
TP0-
TP1+
TP2+
TP2-
TP1-
TP3+
TP3-
SHIELD
0.1uF
0.1uF
0.1uF
T1
P8
P7
P6
P4
P3
P2
P1
P5
J8
J7
J6
J5
J4
J3
J2
J1
T3
75
Ω
T4
74F-4005
74F-4010



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com