Electronic Components Datasheet Search
  English  ▼

X  

HT6809 Datasheet(PDF) 5 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT6809
Description  HT6809 Brief Introduction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT6809 Datasheet(HTML) 5 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT6809 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT6809 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT6809 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT6809 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT6809 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT6809 Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HT6809
Copyright©2011, Jiaxing Heroic Technology Co., Ltd
-5-
Mar. 2011 V1.0
TYPICAL APPLICATION
CS2
10µF
AVDD
OUTL-
PGND
AGND
ACRC
INL+
CIN
CIN
OCP
OTP
UVLO
1µ F
PVDD
OUTL+
OUTR-
OUTR+
INL-
INR+
INR-
0.1uF
0.1uF
1uF
1MO
DN
/SDL
/SDR
MUTE
Volume
&Shoutdown
&Mute
Control
PWM
EMI
PWM
UP
CS1
0.1µF
1µ F
PVDD
PGND
HT6809
CIN
CIN
0.1uF
0.1uF
1KO
1KO
Amplifer
Pre-
Amplifer
Pre-
Digital
Modulator
Modulator
Digital
Suppression
&
Output
Driver
EMI
Suppression
&
Output
Driver
Digital
Control
Carrier
Generator
ACF
200K
TERMINAL CONFIGURATION
1
2
3
4
5
6
7
8
9
10
0
AGND
INL-
INL+
ACRC
TSSOP-20 Top View
20
19
18
17
16
15
14
13
12
11
OUTL+
PVDD
PGND
OUTL-
MUTE
/SDL
UP
INR+
INR-
DN
OUTR+
PVDD
PGND
OUTR-
AVDD
/SDR
0
AGND
INL-
INL+
QFN-20 Top View
MUTE
/SDL
OUTR-
INR-
AVDD
/SDR
6
7
8
9
10
16
17
18
19
20
UP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com