Electronic Components Datasheet Search
  English  ▼

X  

HT6845 Datasheet(PDF) 5 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT6845
Description  HT6845 Brief Introduction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT6845 Datasheet(HTML) 5 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT6845 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT6845 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT6845 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT6845 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT6845 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT6845 Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HT6845
Copyright©2011, Jiaxing Heroic Technology Co., Ltd
-5-
Mar. 2011 V1.0
TYPICAL APPLICATION
CS
1µF
VDD
ACF
Digital
Control
Shutdown
Control
OCP
OTP
UVLO
Carrier
Generator
OUT+
OUT-
PGND
AGND
CTRL
CR
1µF
CCTRL
0.1µF
CTRL1
CTRL2
VREF
RCTRL1
RCTRL2
RCTRL3
IN+
IN-
CIN
33nF
CIN
33nF
Differential
Input
HT6845
Pre-
Amplifer
Digital
PWM
Modulator
EMI
Suppression
&
Output
Driver
TERMINAL CONFIGURATION
IN+
AGND
IN-
VDD
VREF
CTRL
OUT+
PGND
OUT-
1
2
3
A
B
C
9-Pin WLCSP Bottom View



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com