Electronic Components Datasheet Search
  English  ▼

X  

HT6871 Datasheet(PDF) 6 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT6871
Description  HT6871 Brief Introduction
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT6871 Datasheet(HTML) 6 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT6871 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT6871 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT6871 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT6871 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT6871 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT6871 Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HT6871
Copyright©2011, Jiaxing Heroic Technology Co., Ltd
-6-
Mar. 2011 V1.0
ORDERING IMFORMATION
H
T
6
8
7
1
X
X
Part Number
Package Type
Marking
Operating
Temperature Range
MOQ/Shipping
Package
HT6871MR
SOP-8
HT6871
UVWXYZ *1
-40℃~85℃
(Extended Temp.)
Paper bags
2500PCS/Plate
HT6871MT
SOP-8
HT6871
UVWXYZ *1
-40℃~85℃
(Extended Temp.)
Tubes
100PCS/Tube
HT6871CR
WLCSP-9
6871
WXYZ *1
-40℃~85℃
(Extended Temp.)
Paper bags
3000PCS/Plate
Note
*1:WXYZ/UVWXYZ is the production track code.
Jiaxing Heroic Technology Corporation, Limited
Add:
A 3
rd floor, JRC Building, Yatai Road, Jiaxing, Zhejiang Province
Tel:
0573-82583866 82585565
Fax:
0573-82585078
E-mail:
H
sales@heroic.com.cn
Web:
H
www.heroic.com.cn
Package Type
Shipping Package



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com