Electronic Components Datasheet Search
  English  ▼

X  

NLSF595DR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLSF595DR2
Description  Serial (SPI) Tri-Color LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF595DR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLSF595DR2 Datasheet HTML 2Page - ON Semiconductor NLSF595DR2 Datasheet HTML 3Page - ON Semiconductor NLSF595DR2 Datasheet HTML 4Page - ON Semiconductor NLSF595DR2 Datasheet HTML 5Page - ON Semiconductor NLSF595DR2 Datasheet HTML 6Page - ON Semiconductor NLSF595DR2 Datasheet HTML 7Page - ON Semiconductor NLSF595DR2 Datasheet HTML 8Page - ON Semiconductor NLSF595DR2 Datasheet HTML 9Page - ON Semiconductor NLSF595DR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NLSF595
http://onsemi.com
6
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
TA = 25°C
TA = ≤ 85°C
TA = ≤ 125°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
fmax
Maximum Clock Frequency
(50% D
C
l )
VCC = 3.3 $ 0.3 V
80
150
70
70
MHz
max
qy
(50% Duty Cycle)
VCC = 5.0 ± 0.5 V
135
185
115
115
tPLH,
tPHL
Propagation Delay, SCK to
SQH
VCC = 3.3 $ 0.3 V
CL = 15 pF
CL = 50 pF
8.8
11.3
13.0
16.5
1.0
1.0
15.0
18.5
1.0
1.0
15.0
18.5
ns
PHL
VCC = 5.0 $ 0.5 V
CL = 15 pF
CL = 50 pF
6.2
7.7
8.2
10.2
1.0
1.0
9.4
11.4
1.0
1.0
9.4
11.4
tPHL
Propagation Delay,
SCLR to SQH
VCC = 3.3 $ 0.3 V
CL = 15 pF
CL = 50 pF
8.4
10.9
12.8
16.3
1.0
1.0
13.7
17.2
1.0
1.0
13.7
17.2
ns
VCC = 5.0 $ 0.5 V
CL = 15 pF
CL = 50 pF
5.9
7.4
8.0
10.0
1.0
1.0
9.1
11.1
1.0
1.0
9.1
11.1
tPLZ
Output Disable Time
RCK to QA−QH
Output Enable Time
RCK to QA−QH
VCC = 3.3 $ 0.3 V
CL = 15 pF
CL = 50 pF
VCC = 5.0 $ 0.5 V
CL = 15 pF
CL = 50 pF
7.7
10.2
5.4
6.9
11.9
15.4
7.4
9.4
1.0
1.0
1.0
1.0
13.5
17.0
8.5
10.5
1.0
1.0
1.0
1.0
13.5
17.0
8.5
10.5
ns
tPZL
Output Disable Time
RCK to QA−QH
Output Enable Time
RCK to QA−QH
VCC = 3.3 $ 0.3 V
CL = 15 pF
CL = 50 pF
VCC = 5.0 $ 0.5 V
CL = 15 pF
CL = 50 pF
7.7
10.2
5.4
6.9
11.9
15.4
7.4
9.4
1.0
1.0
1.0
1.0
13.5
17.0
8.5
10.5
1.0
1.0
1.0
1.0
13.5
17.0
8.5
10.5
ns
tPZL
Output Enable Time,
OE to QA−QH
VCC = 3.3 $ 0.3 V
CL = 15 pF
RL = 1 kW
CL = 50 pF
7.5
9.0
11.5
15.0
1.0
1.0
13.5
17.0
1.0
1.0
13.5
17.0
ns
VCC = 5.0 $ 0.5 V
CL = 15 pF
RL = 1 kW
CL = 50 pF
4.8
8.3
8.6
10.6
1.0
1.0
10.0
12.0
1.0
1.0
10.0
12.0
tPLZ
Output Disable Time,
OE to QA−QH
VCC = 3.3 $ 0.3 V
CL = 50 pF
RL = 1 kW
12.1
15.7
1.0
16.2
1.0
16.2
ns
VCC = 5.0 $ 0.5 V
CL = 50 pF
RL = 1 kW
7.6
10.3
1.0
11.0
1.0
11.0
CIN
Input Capacitance
4
10
10
10
pF
COUT
Three−State Output
Capacitance (Output in
High−Impedance State),
QA−QH
6
10
10
pF
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Note 2)
87
pF
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0 ns, CL = 50 pF, VCC = 5.0 V)
TA = 25°C
Symbol
Characteristic
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.8
1.0
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.8
−1.0
V
VIHD
Minimum High Level Dynamic Input Voltage
3.5
V
VILD
Maximum Low Level Dynamic Input Voltage
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com