Electronic Components Datasheet Search
  English  ▼

X  

HT8310SPT Datasheet(PDF) 3 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8310SPT
Description  Built-in high efficiency adaptive charge pump boost, anti-shaving distortion, D/AB switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8310SPT Datasheet(HTML) 3 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT8310SPT Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT8310SPT Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT8310SPT Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT8310SPT Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HT8310
Audio Amplifier Integrated with Charge Pump
Copyright ©2018, Jiaxing Heroic Technology Co., Ltd
-3-
9/2018 – V0.5
TERMINAL CONFIGURATION
1
PVBAT
CP
CN
CGND
AGND
ACF
CTRL
AVBAT
0-GND
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CPOUT
OUT-
PVDD
PGND
OUT+
BYPASS
IN-
IN+
CN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CGND
AGND
ACF
C
T
R
L
A
V
B
A
T
IN
+
IN
-
BYPASS
PGND
OUT+
PVDD
C
P
P
V
B
A
T
C
P
O
U
T
O
U
T
-
SOP16L-PP Top View
QFN16L-PP Top View
ORDERING INFORMATION
Part Number
Package Type
Marking
Operating
Temperature Range
Container/MOQ
HT8310SPT
SOP16L-PP
HT8310SP
-40℃~85℃
Tube/50PCS
HT8310SPR
SOP16L-PP
HT8310SP
-40℃~85℃
Tape and Reel/2500PCS
HT8310SQR
QFN16L-PP
HT8310SQ
-40℃~85℃
Tape and Reel/5000PCS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com