Electronic Components Datasheet Search
  English  ▼

X  

HT8691 Datasheet(PDF) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8691
Description  7.0WD/AB class audio power amplifier with built-in BOOST boost and anti-break function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8691 Datasheet(HTML) 2 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT8691 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT8691 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HT8691
内置 BOOST 升压 D/AB 类音频功率放大器
版权所有
©2017, 嘉兴禾润电子科技有限公司
-2-
8/2017
– V1.2
n 引脚信息
1
2
3
4
8
7
6
5
FB
LX
PVDD
OUT-
CTRL
IN-
SOP8L-PP Top View
OUT+
IN+
9-GND
n 引脚定义 *1
SOP
Terminal
No.
Name
I/O
ESD
Protection
Function
1
FB
I
PN
升压反馈点
2
LX
I
-
升压整流管输入
3
PVDD
Power
PN
升压输出和功率电源
4
OUT-
O
-
输出负端l(BTL-)
5
OUT+
O
输出正端(BTL+)
6
IN+
I
PN
输入正端 (differential +)
7
IN-
I
PN
输入负端 (differential -)
8
CTRL
I
PN
控制输入
9
GND*
GND
PN
电源地
*1
I: Input
O: Output
* Do make sure that the GND pin is grounded into the Ground plane connecting into the power ground.
n 订货信息
H
T
8
6
9
1
XX
产品型号
封装形式
顶面标记
工作温度范围
包装和供货形式
HT8691SP
SOP8L-PP
HT8691SP
B##### *2
-40℃~85℃
Tape
100PCS
*2:##### is production track code.
封装形式



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com