Electronic Components Datasheet Search
  English  ▼

X  

SS2H9 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS2H9
Description  High-Voltage Surface Mount Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2H9 Datasheet(HTML) 1 Page - Vishay Siliconix

  SS2H9 Datasheet HTML 1Page - Vishay Siliconix SS2H9 Datasheet HTML 2Page - Vishay Siliconix SS2H9 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS2H9 & SS2H10
Document Number 88750
28-Jun-05
Vishay Semiconductors
www.vishay.com
1
DO-214AA (SMB)
High-Voltage Surface Mount Schottky Rectifier
High Barrier Tecnology for improved high
temperature performance
Major Ratings and Characteristics
IF(AV)
2.0 A
VRRM
90 V, 100 V
IFSM
75 A
VF
0.65 V
IR
10 µA
Tj max.
175 °C
Features
• Low profile package
• Guardring for overvoltage protection
• Ideal for automated placement
• Low power losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High surge capability
• Meets MSL level 1, per J-STD-020C
• Solder Dip 260 °C 40 seconds
Typical Applications
For use in low voltage high frequency inverters, free-
wheeling, dc-to-dc converters, and polarity protection
applications
Mechanical Data
Case: DO-214AA (SMB)
Epoxy meets UL 94V-0 Flammability rating
Terminals: Matte tin plated leads, solderable per J-
STD-002B and JESD22-B102D
E3 suffix for commercial grade, HE3 suffix for high
reliability grade (AEC Q101 qualified)
Polarity: Color band denotes the cathode end
Maximum Ratings
TA = 25 °C unless otherwise specified#
Parameter
Symbol
SS2H9
SS2H10
Unit
Device marking code
MS9
MS10
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Working peak reverse voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current at: TL = 130 °C
IF(AV)
2.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
75
A
Peak repetitive reverse surge current at tp = 2.0 µs, 1 KHz
IRRM
1.0
A
Voltage rate of change (rated VR)
dv/dt
10000
V/µs
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C


Similar Part No. - SS2H9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS2H9 VISHAY-SS2H9 Datasheet
93Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS2H9 VISHAY-SS2H9 Datasheet
98Kb / 5P
High Voltage Surface-Mount Schottky Rectifier
23-Apr-2020
SS2H9-E3-52T VISHAY-SS2H9-E3-52T Datasheet
93Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS2H9-E3-5BT VISHAY-SS2H9-E3-5BT Datasheet
93Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS2H9HE3-52T VISHAY-SS2H9HE3-52T Datasheet
93Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
More results

Similar Description - SS2H9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS1H9 VISHAY-SS1H9_08 Datasheet
93Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS2H9 VISHAY-SS2H9_08 Datasheet
93Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS3H9 VISHAY-SS3H9_08 Datasheet
95Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS3H10-E3 VISHAY-SS3H10-E3 Datasheet
87Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
17-Dec-12
SS1H9-E3 VISHAY-SS1H9-E3 Datasheet
86Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
14-Dec-12
SS29-E3 VISHAY-SS29-E3 Datasheet
90Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
27-Mar-12
SS1H9 VISHAY-SS1H9_15 Datasheet
85Kb / 5P
High-Voltage Surface Mount Schottky Rectifier
28-Apr-14
SS2H9 VISHAY-SS2H9_15 Datasheet
82Kb / 5P
High Voltage Surface Mount Schottky Rectifier
16-Jan-14
SS29 VISHAY-SS29_V01 Datasheet
101Kb / 5P
High Voltage Surface-Mount Schottky Rectifier
23-Apr-2020
SS1H9 VISHAY-SS1H9_V01 Datasheet
97Kb / 5P
High-Voltage Surface-Mount Schottky Rectifier
13-May-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com