Electronic Components Datasheet Search
  English  ▼

X  

UCC2913 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2913
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2913 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2913 Datasheet HTML 1Page - Texas Instruments UCC2913 Datasheet HTML 2Page - Texas Instruments UCC2913 Datasheet HTML 3Page - Texas Instruments UCC2913 Datasheet HTML 4Page - Texas Instruments UCC2913 Datasheet HTML 5Page - Texas Instruments UCC2913 Datasheet HTML 6Page - Texas Instruments UCC2913 Datasheet HTML 7Page - Texas Instruments UCC2913 Datasheet HTML 8Page - Texas Instruments UCC2913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
1
www.ti.com
FEATURES
D Precision Fault Threshold
D Programmable Average Power Limiting
D Programmable Linear Current Control
D Programmable Overcurrent Limit
D Programmable Fault Time
D Fault Output Indicator
D Shutdown Control
D Undervoltage Lockout
D 8-Pin SOIC
APPLICATIONS
D –48-V Distributed Power Systems
D Central Office Switching
D Wireless Base Stations
DESCRIPTION
The UCCx913 family of negative voltage circuit
breakers provides complete power management,
hot-swap, and fault handling capability. The
device is referenced to the negative input voltage
and is driven through an external resistor
connected to ground, which is essentially a
current drive as opposed to the traditional voltage
drive. The on-board 10-V shunt regulator protects
the device from excess voltage and serves as a
reference
for
programming
the
maximum
allowable output sourcing current during a fault. In
the event of a constant fault, the internal timer
limits the on-time from less than 0.1% to a
maximum of 3%. The duty cycle modulates
depending on the current into the PL pin, which is
a function of the voltage across the FET, and limits
average power dissipation in the FET. The fault
level is fixed at 50 mV across the current-sense
resistor to minimize total dropout. The fault current
level is set with an external current sense resistor.
The maximum allowable sourcing current is
programmed with a voltage divider from VDD to
generate a fixed voltage on the IMAX pin. The
current level, when the output appears as a
current source, is equal to VIMAX/RSENSE. If
desired, a controlled current startup can be
programmed with a capacitor on the IMAX pin.
When the output current is below the fault level,
the output device is switched on. When the output
current exceeds the fault level, but is less than the
maximum sourcing level programmed by the
IMAX pin, the output remains switched on, and the
fault timer starts charging CT. Once CT charges to
2.5 V, the output device is turned off and performs
a retry some time later. When the output current
reaches the maximum sourcing current level, the
output appears as a current source, limiting the
output current to the set value defined by IMAX.
Other features of the UCCx913 family include
undervoltage lockout, and 8-pin small outline
(SOIC) and dual-in-line (DIP) packages.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1999 – 2003, Texas Instruments Incorporated
1
8
7
6
5
–VIN
3
UCC3913
2
4
Power
Limiting
Current
Control
Fault
Protection
and
Timer
DC/DC
Converter
or Load
RVDD
SIMPLIFIED APPLICATION DIAGRAM
RS
R1
R2
RPL
CT
CVDD
M1
UDG–03059


Similar Part No. - UCC2913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2913 TI-UCC2913 Datasheet
123Kb / 9P
Negative Voltage Hot Swap Power Manager
UCC2913 TI1-UCC2913 Datasheet
914Kb / 21P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC2913 TI2-UCC2913 Datasheet
497Kb / 21P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
REVISED APRIL 2003
UCC2913D TI1-UCC2913D Datasheet
914Kb / 21P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC2913D TI2-UCC2913D Datasheet
497Kb / 21P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
REVISED APRIL 2003
More results

Similar Description - UCC2913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
Negative Voltage Hot Swap Power Manager
UCC1921 TI-UCC1921 Datasheet
497Kb / 11P
Latchable Negative Floating Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC3923 TI-UCC3923 Datasheet
148Kb / 10P
HIGH-VOLTAGE HOT-SWAP POWER MANAGER
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
Negative Voltage Hot Swap Controllers
logo
Texas Instruments
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3921DTR TI1-UCC3921DTR Datasheet
1Mb / 16P
Latchable Negative Floating Hot Swap Power Manager
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
UCC2913 TI1-UCC2913_15 Datasheet
914Kb / 21P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com