Electronic Components Datasheet Search
  English  ▼

X  

XRT5683A Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT5683A
Description  PCM Line Interface Chip
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5683A Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT5683A Datasheet HTML 4Page - Exar Corporation XRT5683A Datasheet HTML 5Page - Exar Corporation XRT5683A Datasheet HTML 6Page - Exar Corporation XRT5683A Datasheet HTML 7Page - Exar Corporation XRT5683A Datasheet HTML 8Page - Exar Corporation XRT5683A Datasheet HTML 9Page - Exar Corporation XRT5683A Datasheet HTML 10Page - Exar Corporation XRT5683A Datasheet HTML 11Page - Exar Corporation XRT5683A Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
XR-T5683A
9
Rev. 2.01
INPUT AND OUTPUT TRANSFORMERS
Pulse Engineering types PE-65415, PE-65771 or
PE-65835 transformers, may be used for both the input
and output transformers. These three parts, which are all
1CT:2CT
turns
ratio
and
have
similar
electrical
specifications, are wound on small, epoxy-encapsulated,
torroid cores.
They differ in physical size, operating
temperature range and voltage isolation.
These
transformers are suitable for operation over the 1.544
through 8.448Mbps range which includes T1, T2, E1 and
E2.
Schott-Part
Number
Nominal
Inductance
Mechanical Style
Bit Rate
(MBIT/S)
Tuning Cap.
(See Note)
24443
48
µHy with CT
RM 5 Core,
4 Pin Bobbin
1.544(T1)
200pF
4 Pin Bobbin
2.048(E1)
100pF
24444
5
µHy with CT
14 x 8 Potcore,
6 Pin Bobbin
6.312(T2)
100pF
6 Pin Bobbin
6.448(E2)
60pF
Table 2. Inductor Selection
Notes
- Capacitor values shown combined with typical stray capacitance will normally resonate the tank circuit at the specific bit rate.
- The center-tapped inductor (L) eliminates clock amplifier overload by reducing the signal amplitude applied to T5683A pin 4. While
feeding pseudo-random data into the receive input, tune this inductor for minimum jitter on the recovered clock (pin 8) as viewed on
an oscilloscope.
- R, which may be in the 20K to 50k
Ω range, is optional and may be used to lower clock recovery circuit Q if desired.
Magnetic Supplier Information:
Pulse
Telecom Product Group
P.O. Box 12235
San Diego, CA 92112
Tel. (619) 674-8100
Fax. (619) 674-8262
John Marshall
Schott Corporation
1838 Elm Hill Pike, Suite 100
Nashville, TN 37210
Tel. (615) 889-8800
Fax (615) 885-0834



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com