Electronic Components Datasheet Search
  English  ▼

X  

BMD040 Datasheet(PDF) 9 Page - Bosch Sensortec GmbH

Part # BMD040
Description  Analog pressure sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMD040 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BMD040 Datasheet HTML 5Page - Bosch Sensortec GmbH BMD040 Datasheet HTML 6Page - Bosch Sensortec GmbH BMD040 Datasheet HTML 7Page - Bosch Sensortec GmbH BMD040 Datasheet HTML 8Page - Bosch Sensortec GmbH BMD040 Datasheet HTML 9Page - Bosch Sensortec GmbH BMD040 Datasheet HTML 10Page - Bosch Sensortec GmbH BMD040 Datasheet HTML 11Page - Bosch Sensortec GmbH BMD040 Datasheet HTML 12Page - Bosch Sensortec GmbH BMD040 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data sheet
BMD040
Bosch Sensortec
Rev. 1.3
Page 9 - proprietary information
23 October 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Specification is subject to change without notice. Document contains proprietary information and is not intended for publication.
2
Installation instructions
The sensor is designed for attachment to a plane surface. The pressure nozzle might be sealed
in some applications by an O-ring and might be fixed to a PCB or something similar. The hole in
the fixture on customer side and the fastening must be designed in accordance to the offer
drawing so that a long-term, leak proof seal at the port to the measured medium are guaranteed
(if leakage is required).
The recommended installation position is pressure port inclined downwards, installation only on
clean side. Potentially freezing media and condensate are not allowed to accumulate at the
pressure port and may not be introduced on transport and assembly either.
In the interest of good continuity on the connectors, it is essential that not only the connector on
the component side is according to specification, but that the material quality and exact fit of a
cable harness connector (if such one is used) or another connector are also guaranteed. Any
connector should therefore be according to the Bosch Sensortec offer drawing specification.
When mounting the BMD040 to a printed circuit board (PCB) special care has to be taken in
order to stay below a certain temperature budget during the soldering process. For further
details on the recommended soldering conditions for the BMD040, please contact Bosch
Sensortec.
Downloaded from DatasheetLib.com - datasheet search engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com