Electronic Components Datasheet Search
  English  ▼

X  

BMP085 Datasheet(PDF) 10 Page - Bosch Sensortec GmbH

Part # BMP085
Description  Digital pressure sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP085 Datasheet(HTML) 10 Page - Bosch Sensortec GmbH

Back Button BMP085 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 14Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
BMP085
Data sheet
Bosch Sensortec
Rev. 1.2
Page 10
15 October 2009
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Specifications are subject to change without notice.
3.3 Measurement of pressure and temperature
For all calculations presented here an ANSI C
code
is
available
from
Bosch
Sensortec
(“BMP085_SMD500_API”).
The microcontroller sends a start sequence to start
a pressure or temperature measurement. After
converting time, the result value (UP or UT,
respectively) can be read via the I
2C interface. For
calculating temperature in °C and pressure in hPa,
the calibration data has to be used. These
constants can be read out from the BMP085
E
2PROM via the I2C interface at software
initialization.
The sampling rate can be increased up to 128
samples per second (standard mode) for dynamic
measurement. In this case, it is sufficient to
measure the temperature only once per second
and
to
use
this
value
for
all
pressure
measurements during the same period.
By using different modes the optimum compromise
between
power
consumption,
speed
and
resolution can be selected, see below table.
Overview of BMP085 modes, selected by driver software via the variable oversampling_setting:
Mode
Parameter
oversampling_setting
Internal
number of
samples
Conversion
time pressure
max. [ms]
Avg. current
@ 1 sample/s
typ. [µA]
RMS noise
typ. [hPa]
RMS noise
typ. [m]
ultra low power
0
1
4.5
3
0.06
0.5
standard
1
2
7.5
5
0.05
0.4
high resolution
2
4
13.5
7
0.04
0.3
ultra high
resolution
3
8
25.5
12
0.03
0.25
The noise data is calculated as standard deviation of 10 data points. For further information on
noise characteristics see the relevant application note “Noise in pressure sensor applications”.
Start temperature
measurement
Read UT
Start pressure
measurement
Read UP
Start
Calculate pressure and
temperature in physical
units
wait 4.5ms
wait (depends on mode, see below)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com