Electronic Components Datasheet Search
  English  ▼

X  

TP1001 Datasheet(PDF) 10 Page - Billiton Ltd.

Part # TP1001
Description  High Performance Current Model PWM / PFM Switch Power Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP1001 Datasheet(HTML) 10 Page - Billiton Ltd.

Back Button TP1001 Datasheet HTML 4Page - Billiton Ltd. TP1001 Datasheet HTML 5Page - Billiton Ltd. TP1001 Datasheet HTML 6Page - Billiton Ltd. TP1001 Datasheet HTML 7Page - Billiton Ltd. TP1001 Datasheet HTML 8Page - Billiton Ltd. TP1001 Datasheet HTML 9Page - Billiton Ltd. TP1001 Datasheet HTML 10Page - Billiton Ltd. TP1001 Datasheet HTML 11Page - Billiton Ltd. TP1001 Datasheet HTML 12Page - Billiton Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
南京拓品微电子有限公司
NanJing Top Power ASIC Corp.
Rev1.2
12V/1A 电源适配器方案:TP1001、431 与光耦
Vo
+
C1
Q1
Np
Ns
Vs
Ip
VAUX
NAUX
LM
TP1001
R1
R2
C4
C3
+
+
R3
C9
C6
D6
D5
D7
D1
D3
D2
D4
U1
VD
OB
FB
CS
GND
EMI
Filter
R5
R6
C7
431
R7
A
K
R
C5
817
R4
+
C2
L1
+
C8
RCS
B
RCS
A
图 8 12V/1A 电源适配器原理图
元器件清单:
器件名称
规格
器件名称
规格
D1-D4
Diode, Rectifier,1N4007
C1,C2
E-Cap,4.7μF/400V
D5
Diode,Fast,FR107,1A/1000V
C3
E-Cap,10μF/25V
D6
Diode,Fast,FR107,1A/1000V
C4
Capacitor,Ceramic,1nF/1KV
D7
Diode,Schottky,SB3100,3A/100V
C5
Capacitor,Ceramic,10nF/25V
R1
Resistor,2M,1/4W,
5%
C6
Capacitor,Ceramic,222pF/100V
R2
Resistor,270K,1/2W,
5%
C7
E-Cap,680μF/25V,Low ESR
R3
Resistor,47R,1/8W,
5%
C8
E-Cap,100μF/25V,Low ESR
R4
Resistor,330R,1/8W,
5%
C9
Capacitor,Ceramic,0.1uF/25V
R5
Resistor,3.9K,1/8W,
1%
L1
Inductor, Color Ring,1.5mH
R6
Resistor,1K,1/8W,
1%
IC
TP1001,TL431,光耦 817
R7
Resistor,1K,1/8W,
5%
Q1
NPN,13003,TO-126
RcsA
Resistor,3R,1/4W,
1%
T
Transformer
EE19, LM=1.5mH
Np:Ns:NAUX=130T:16T:7T
RcsB
Resistor,2.2R,1/4W,
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com