Electronic Components Datasheet Search
  English  ▼

X  

TP7661 Datasheet(PDF) 7 Page - Billiton Ltd.

Part # TP7661
Description  DC-DC converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP7661 Datasheet(HTML) 7 Page - Billiton Ltd.

  TP7661 Datasheet HTML 1Page - Billiton Ltd. TP7661 Datasheet HTML 2Page - Billiton Ltd. TP7661 Datasheet HTML 3Page - Billiton Ltd. TP7661 Datasheet HTML 4Page - Billiton Ltd. TP7661 Datasheet HTML 5Page - Billiton Ltd. TP7661 Datasheet HTML 6Page - Billiton Ltd. TP7661 Datasheet HTML 7Page - Billiton Ltd. TP7661 Datasheet HTML 8Page - Billiton Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
南京拓微集成电路有限公司
地址: 南京市龙蟠中路 168 号江苏软件园 49 号楼 403 室
邮编:
210002
电话: 025-84808234 85997679
传真: 025-84803234
E-mail: top_power998@163.com
7
图 4: 负电压输入,三倍压输出,且VOUT和Vreg可同时输出,调节R1,R2可使Vreg输出不同
且Vreg还有温度梯度功能
图 5:并联n个芯片可使输出阻抗ROUT大约减小到1/n
所有的并联芯片只要共用一个滤波电容C3,所有的并联芯片只能有一个芯片有调整电压输出
图 6:串联2个芯片可使输出电压大约为 VOUT=4VIN
注意:要使VDD-VIN < 6.0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com