Electronic Components Datasheet Search
  English  ▼

X  

WD3124DA Datasheet(PDF) 2 Page - Will Semiconductor Ltd.

Part # WD3124DA
Description  1000mA Buck/Boost Charge Pump Flash LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WD3124DA Datasheet(HTML) 2 Page - Will Semiconductor Ltd.

  WD3124DA Datasheet HTML 1Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 2Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 3Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 4Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 5Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 6Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 7Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 8Page - Will Semiconductor Ltd. WD3124DA Datasheet HTML 9Page - Will Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
WD3124DA
Will Semiconductor Ltd.
2
Oct, 2017 - Rev. 1.2
Pin configuration (Top view)
1
2
3
4
5
6
7
8
9
10 VOUT
PGND
SGND
FB
RSET
VIN
C1
C2
FLASH
EN
GND
Pin descriptions
Symbol
DFN3x3-10L
Descriptions
VIN
1
Input voltage for the charge pump. Decouple with 4.7μF or 10μF ceramic
capacitor close to the pins of the IC.
C1
2
Positive input for the external flying capacitor. Connect a ceramic 1μF
capacitor close to the pins of the IC.
C2
3
Negative input for the external flying capacitor. Connect a ceramic 1μF
capacitor close to the pins of the IC.
FLASH
4
Logic input to toggle operation between FLASH and TORCH mode. In
TORCH mode FB is regulated to the internal 50mV reference. In FLASH
mode FB reference voltage can be adjusted by changing the resistor from
RSET pin to ground. Choose the external current sense resistor (RSENSE) based
on desired current in TORCH mode and Flash mode.
EN
5
Shutdown control input. Connect to VIN for normal operation, connect to
ground for shutdown. For normal operation, suggest connecting to VIN only
after the VIN has settled if the VIN ramping up is slow.
RSET
6
Connect a resistor from this pin to ground. When in FLASH mode (FLASH =
High) this resistor sets the current regulation point according to the following:
VFB =(1.26V / RSET)x10.2kΩ
FB
7
Feedback input for the current control loop. Connect directly to the current
sense resistor.
SGND
8
Internal ground pin. Control circuitry returns current to this pin.
PGND
9
Power ground pin. Flying capacitor current returns through this pin.
VOUT
10
Charge Pump Output Voltage. Decouple with an external capacitor. At least
1μF is recommended. If Higher value capacitor is used, output ripple is
smaller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com