Electronic Components Datasheet Search
  English  ▼

X  

ZREF25Z02 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZREF25Z02
Description  PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZREF25Z02 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZREF25Z02 Datasheet HTML 1Page - Zetex Semiconductors ZREF25Z02 Datasheet HTML 2Page - Zetex Semiconductors ZREF25Z02 Datasheet HTML 3Page - Zetex Semiconductors ZREF25Z02 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SO8
Package Suffix – N8
Top View
E-Line, 3 pin,Rev
Package Suffix – R
Bottom View –
Pin 3 floating or connected to pin 1
E-Line, 2 pin
Package Suffix – Y
Bottom View
CONNECTION DIAGRAMS
Part No
Tol% Package
Partmark
ZREF25D02
2
SO8
ZREF2502
ZREF25D
1
SO8
ZREF25
ZREF25Z02
2
E-Line *
ZREF2502
ZREF25Z
1
E-Line *
ZREF25
ZREF2502
2
E-Line †
ZREF2502
ZREF25
1
E-Line †
ZREF25
* E-Line 3 pin Reversed
† E-Line 2 pin
ORDERING INFORMATION
ZREF25
4-274



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com