Electronic Components Datasheet Search
  English  ▼

X  

GS5 Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part # GS5
Description  AC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

GS5 Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  GS5 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. GS5 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
YUAN DEAN SCIENTIFIC CO.,LTD
GS5 SERIES
Rev:1 2018/04/23
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Switching Frequency
Vi nom, Io nom
100
KHz
Isolation Voltage
Input / Output
3KVac/ 5mA/5Secs
Isolation Resistance
Input / Output,@500 Vdc
100
MΩ
Operating
Temperature
Refer to Temperature
Derating Graph
-20
+70
℃
Storage Temperature
Non Operational
-40
+105
℃
Relative Humidity
Vi nom, Io nom
85
% RH
Safety Standards
Design refer to UL60950-1,IEC60950-1
EMI Conduction &
Radiation
EN55032,CLASS B(See Fig. 1 for recommended circuit)
EMS Immunity
EN61000 (See Fig. 1 for recommended circuit)
Dimension
L42.0 x W13.65 x H20.0 mm
Cooling
Free air convection
Input Voltage Derating Graph
Rev:0 2017/8/30
Part Number
EMC Solution-Recommended Circuit
GS5 -
S
05
(F)
A
B
C
D
A : Series
B : Single Output
C : Output Voltage
D : Package
CY2
ACL
ACN
AC/DC
14
+Vo
-Vo
12
C3
+Vo
-Vo
TVS
CY0
CX
7
5
C1
+
C2
+
FUSE
MOV
LF
CX
CY1
CY2
C1
3.3~24V
250V/1A
14D561K
UU9.8,30mH Min
0.1uF/275V
470pF/250V
10uF/400V
CY0
C2
C3
3.3~9V
1000pF/250V
12~24V
220uF/35V
0.1uF/50V
150uF/35V
TVS
3.3~5V
9V
12V,15V
24V
SMBJ7.0A
SMBJ12A
SMBJ20A
SMBJ30A
NTC
NTC
9D-5
ACL
FUSE
ACN
MOV
LF
CY1
100
Input Voltage(V)
20
120
400 VDC
50
60
70
80
90
100
320
Ta=25℃
85
100
264 VAC
240
CY2
ACL
ACN
AC/DC
14
+Vo
-Vo
12
C3
+Vo
-Vo
TVS
CY0
CX
7
5
C1
+
C2
+
FUSE
MOV
LF
CX
CY1
CY2
C1
3.3~24V
250V/1A
14D561K
UU9.8,30mH Min
0.1uF/275V
470pF/250V
10uF/400V
CY0
C2
C3
3.3~9V
1000pF/250V
12~24V
220uF/35V
0.1uF/50V
150uF/35V
TVS
3.3~5V
9V
12V,15V
24V
SMBJ7.0A
SMBJ12A
SMBJ20A
SMBJ30A
NTC
NTC
9D-5
ACL
FUSE
ACN
MOV
LF
CY1
Fig.1
Markings and dimensions
GS5-SXX
GS5-SXXF
1
3
5
7
14
12
TRANSFORMER
42.0MAX
33.02
0.5
5.08
33.02
0.5
5.08
5.08
1.3
1
3
5
7
14
12
5.08
1.4
UNIT:mm Unless otherwise specified,all tolerances are ±0.5
TRANSFORMER
42.0MAX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com