Electronic Components Datasheet Search
  English  ▼

X  

69411KB Datasheet(PDF) 1 Page - Bi technologies

Part # 69411KB
Description  High Current Low Profile Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

69411KB Datasheet(HTML) 1 Page - Bi technologies

  69411KB Datasheet HTML 1Page - Bi technologies 69411KB Datasheet HTML 2Page - Bi technologies 69411KB Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
60
HM69-10R025LF
25
18
25
0.27
0.33
42
22
3.847E-14
59.444
HM69-20R050LF
50
28
36
0.20
0.24
70
35
1.074E-13
50.117
HM69-30R070LF
70
50
67
0.40
0.48
46
25
1.074E-13
70.164
HM69-40R10LF
100
60
75
0.31
0.39
28
25
7.124E-14
156.891
HM69-50R10LF
100
72
95
0.40
0.48
29
24
8.733E-14
127.990
HM69-50R15LF
150
96
120
0.40
0.48
18
24
8.733E-14
191.986
HM69-55R10LF
100
64
80
0.45
0.56
45
25
1.337E-13
96.541
HM69-55R20LF
200
140
175
0.45
0.56
21
25
1.337E-13
160.902
HM69-60R10LF
100
69
87
0.42
0.50
68
31
2.311E-13
52.336
HM69-60R15LF
150
104
130
0.42
0.50
48
31
2.311E-13
78.503
HM69-60R20LF
200
144
180
0.42
0.50
31
31
2.311E-13
104.671
HM69-70R30LF
300
200
250
0.17
0.20
37
70
6.784E-13
98.921
HM69-75R20LF
200
150
175
0.40
0.50
20
40
3.559E-13
134.203
HM69-80R30LF
300
216
285
0.17
0.25
40
76
9.107E-13
72.674
Specifications
• Operating Temperature Range
-40°C to +125°C
• Temperature Rise, Maximum
40°C
• Ambient Temperature, Maximum
80°C
• Insulation System
Class F, 155°C

Electrical / Environmental
High Current Low Profile Surface Mount Inductors
Notes:
(1) DC resistance is measured at 25°C.
(2) The rated current (Irated) is the current at which the inductance will be decreased by 20% from its initial (zero DC) value.
(3) The heating current is the DC current, which causes the component temperature to increase by approximately 40°C. This current is determined
by soldering the component on a typical application PCB, and then apply the device for 30 minutes.
(4) Core Loss approximation is based on published core data:
Core Loss = K1 * (f)
1.77 * (K2∆I)2.21
Where:
core loss in watt
f = switching frequency in kHz
K1 and K2 = core loss factor
∆I = delta I across the component in Amp.
K2
∆I = one half of the peak to peak flux density across the component in Gauss
Packaging
Standard: Embossed Tape & Reel
Reel:
Diameter:
= 13” (330.2mm)
Capacity: Case size 10,40
=
1000 Units
Case size 20,30,60
=
800 Units
Case size 50,55,75
=
500 Units
Case size 70,80
=
350 Units
Ordering Information
Inductance Code:
First 2 digits are significant.
Last digit denotes the number of trailing zeros.
For values below 10µH, “R” denotes the decimal point.
Case Size
Model Series
TR - Tape & Reel Packing
13 - 13” reel
Lead-Free
HM69
50
R10
LF
TR13
Inductance
100kHz, 0.1V
@ 0 Adc
@ Irated
DCR
(1)
Irated
(2)
Heating
Core Loss
(4)
Part
(nH
±20%)
(nH)
(mΩ)
@ 25°C
Current
(3)
Factor
Number
Typ.
Min.
Typ.
Typ.
Max.
(Adc)
(A)
K1
K2
RoHS
Compliant


Similar Part No. - 69411KB

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
694101308002 WURTH-694101308002 Datasheet
656Kb / 3P
DC POWER JACK - RIGHT ANGLED -THT - 0.65- WR-DC
694103107102 WURTH-694103107102 Datasheet
1Mb / 4P
DC POWER JACK - RIGHT ANGLED - SMT - Ø 1.0 & 1.3
A 22-JUL-14
694105309102 WURTH-694105309102 Datasheet
704Kb / 3P
DC POWER JACK - RIGHT ANGLED - THT - 1.65
logo
ON Semiconductor
694106105102 ONSEMI-694106105102 Datasheet
2Mb / 28P
Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
logo
Wurth Elektronik GmbH &...
694106105102 WURTH-694106105102 Datasheet
1Mb / 4P
DC POWER JACK - RIGHT ANGLED - SMT - Ø2.0 & 2.5 -WR-DC
B 02-NOV-15
More results

Similar Description - 69411KB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM100 ETC1-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
HM65 ETC2-HM65 Datasheet
342Kb / 2P
High Current Low Profile Surface Mount Inductors
logo
Bi technologies
HM65 BITECH-HM65 Datasheet
853Kb / 2P
High Current Low Profile Surface Mount Inductors
HM74 BITECH-HM74 Datasheet
49Kb / 3P
High Frequency High Current Low Profile Surface Mount Inductors
HM100 BITECH-HM100 Datasheet
295Kb / 2P
High Current Low Profile Surface Mount Inductors
HM69 BITECH-HM69_15 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
logo
TT Electronics.
HM36 TTELEC-HM36 Datasheet
578Kb / 2P
High Current Low Profile Low Loss Ferrite Surface Mount Inductors
HM65 TTELEC-HM65 Datasheet
1Mb / 2P
High Current Low Profile Surface Mount Inductors
HM69 TTELEC-HM69 Datasheet
1Mb / 3P
High Current Low Profile Surface Mount Inductors
HM100 TTELEC-HM100 Datasheet
807Kb / 2P
High Current Low Profile Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com