Electronic Components Datasheet Search
  English  ▼

X  

B772PC Datasheet(PDF) 1 Page - Shenzhen Jingdao Electronic Co.,Ltd

Part # B772PC
Description  Bipolar Junction Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGDAO [Shenzhen Jingdao Electronic Co.,Ltd]
Direct Link  http://www.jdsemi.cn/en/
Logo JINGDAO - Shenzhen Jingdao Electronic Co.,Ltd

B772PC Datasheet(HTML) 1 Page - Shenzhen Jingdao Electronic Co.,Ltd

  B772PC Datasheet HTML 1Page - Shenzhen Jingdao Electronic Co.,Ltd B772PC Datasheet HTML 2Page - Shenzhen Jingdao Electronic Co.,Ltd B772PC Datasheet HTML 3Page - Shenzhen Jingdao Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
深圳市晶导电子有限公司
深圳市晶导电子有限公司
深圳市晶导电子有限公司
深圳市晶导电子有限公司
B772PC
www.jdsemi.cn
R
ShenZhen Jingdao Electronic Co.,Ltd.
Bipolar Junction Transistor
Add: 1-4F,3rd Building,Honghui Industrial Park, 2nd Liuxian Road,Xinan Street,Baoan District,Shenzhen City,P.R.C
Tel:0755-29799516
Fax:0755-29799515
第 1 页 2013 版
◆Si PNP
◆RoHS COMPLIANT
1
11
1.
.
.
.APPLICATION
Charger、Emergency lamp and
Electric toy control circuit
2
22
2.
.
.
.FEATURES
Features of good high temperature
High switching speed
3
33
3.
.
.
.PACKAGE
TO-251
4
44
4.
.
.
.Electrical Characteristics
4
44
4.1
.1
.1
.1 Absolute Maximum Ratings
Tamb= 25℃ unless specified
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emittor Voltage
VCEO
-30
V
Emittor- Base Voltage
VEBO
-6
V
Collector Current
IC
3
A
Ta=25℃
1.1
Power Dissipation
Tc=25℃
Ptot
10
W
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-55~150
℃
4
44
4.2
.2
.2
.2 Electrical Parameter
Tamb= 25℃ unless specified
VALUE
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector-Base Voltage
BVCBO
IC=-1mA, IE=0
-40
V
Collector-Emittor Voltage
BVCEO
IC=-1mA, IB=0
-30
V
Emittor-Base Voltage
BVEBO
IE=-1mA, IC=0
-6
V
Collector-Base Cutoff Current
ICBO
VCB=-40V, IE=0
-10
μA
Collector-Emittor Cutoff Current
ICEO
VCE=-30V, IB=0
-10
μA
Emittor-Base Cutoff Current
IEBO
VEB=-6V, IC=0
-10
μA
VCE=-5V, IC=-1mA
10
DC Current Gain
hFE
*
VCE=-2V, IC=-1A
120
400
Collector-Emittor Saturation Voltage
VCE sat
*
IC=-2A, IB=-0.2A
-0.8
V
Base-Emittor Saturation Voltage
VBE sat
*
IC=-2A, IB=-0.2A
-1.2
V
Typical Frequency
fT
VCE=-5V,IC=-100mA,
f=10MHz
50
MHz
*: Pulse test tp≤300μs,δ≤2%
1 Emitter(E) 2 Collector(C) 3 Base(B)


Similar Part No. - B772PC

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jingdao Electr...
B772P JINGDAO-B772P Datasheet
121Kb / 3P
Bipolar Junction Transistor
More results

Similar Description - B772PC

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jingdao Electr...
BU102D JINGDAO-BU102D Datasheet
116Kb / 3P
Bipolar Junction Transistor
BU103BH JINGDAO-BU103BH Datasheet
113Kb / 3P
Bipolar Junction Transistor
BU8403 JINGDAO-BU8403 Datasheet
119Kb / 3P
Bipolar Junction Transistor
BU103A JINGDAO-BU103A Datasheet
115Kb / 3P
Bipolar Junction Transistor
BU103BD JINGDAO-BU103BD Datasheet
117Kb / 3P
Bipolar Junction Transistor
BU202DL JINGDAO-BU202DL Datasheet
116Kb / 3P
Bipolar Junction Transistor
DK54DL JINGDAO-DK54DL Datasheet
121Kb / 3P
Bipolar Junction Transistor
E13005SDL JINGDAO-E13005SDL Datasheet
129Kb / 3P
Bipolar Junction Transistor
H13003ADL JINGDAO-H13003ADL Datasheet
123Kb / 3P
Bipolar Junction Transistor
H13005D JINGDAO-H13005D Datasheet
123Kb / 3P
Bipolar Junction Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com