Electronic Components Datasheet Search
  English  ▼

X  

CD216A Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CD216A
Description  Lead free versions available, RoHS compliant (lead free version), Low profile, Surface mount, Very low forward voltage drop
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD216A Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CD216A Datasheet HTML 1Page - Bourns Electronic Solutions CD216A Datasheet HTML 2Page - Bourns Electronic Solutions CD216A Datasheet HTML 3Page - Bourns Electronic Solutions CD216A Datasheet HTML 4Page - Bourns Electronic Solutions CD216A Datasheet HTML 5Page - Bourns Electronic Solutions CD216A Datasheet HTML 6Page - Bourns Electronic Solutions CD216A Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD216A-B120L ~ B140 MITE Chip Diode
Rating and Characteristic Curves: CD216A-B120R
Derating Curve
Capacitance Between Terminals
Forward Characteristics
Reverse Characteristics
10
0.1
0.2
0.4
0.6
0.8
Forward Voltage (Volts)
1
Ta = 25 °C
Pulsewidth: 300 µs
25 °C
100 °C
125 °C
1000
0.01
0
5
10
15
20
25
Reverse Voltage (Volts)
0.1
1
10
100
125 °C
100 °C
25 °C
1.25
1.00
0.75
0.50
0.25
0.00
25
50
75
100
125
150
Lead Temperature (°C)
Single Phase Half Wave 60 Hz
Resistive or Inductive Load
150
25
50
75
100
125
0
010
20
30
40
Reverse Voltage (Volts)
F = 1 MHz
Ta = 25 °C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com