Electronic Components Datasheet Search
  English  ▼

X  

PI6C918 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C918
Description  3.3V PRECISION CLOCK GENERATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C918 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C918 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C918 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C918 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PS7038B
09/08/97
Pin Name Pin # I/O Description
S0
6
I
Select 0, internal pull-up
S1
7
I
Select 1, internal pull-up
X1
2
C
Crystal or clock input, 8 to 23 MHz
X2
3
C
Crystal connection or no connect
CLK
5
O
Clock output
OE
1
I
OE = 1 Enable CLK output
OE = 0 Disable CLK output
3.3V Precision Clock Generator
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C918/919
Features
• No external capacitors (919 only)
• Excellent signal quality
• Very low jitter
• Precise frequencies
• Minimal undershoot, ringback or overshoot
• Nearly perfect 50% duty cycle
• Four selectable clock frequencies
• Operates at Vcc = 3.3V
• Output may be disabled to save power
• Small 150-mil wide SOIC -8 (W8) package
saves board area
Pin Configuration
Pin Description
Product Speed Grades
Max CLK
Max VCO
Part No.
Output Freq.
Frequency
PI6C918/919
80 MHz
160 MHz
PI6C918A/919A
100 MHz
200 MHz
PI6C918B/919B
120 MHz
240 MHz
Output CLK Frequency Selection
Vcc
1
OE
8
S1
2
X1
7
S0
3
X2
6
CLK
4
GND
5
8-PIN
W8
Note:
1. I = Input, O = Output, C = Crystal
Description
The PI6C918 and PI6C919 are high-precision, low-voltage
general-purpose clock generators that reach a maximum output
frequency of 120 MHz. These devices use an external low-cost
crystal to generate very accurate and stable system clocks.
These frequency synthesizers include a crystal oscillator, a
programmable PLL and an output buffer. Any one of four
different output frequencies can be selected via two select pins
(S0, S1). The frequency multipliers are: 2, 4, 5, and 7.
The PI6C919 has on-chip capacitors, eliminating the need for
external capacitors at the X1, X2 pins. This reduces overall parts
count and board area, and increases reliability.
The OE (output enable) pin may be pulled down to disable the
output buffer and save system power.
The small surface-mount SOIC-8 package is ideal for compact
portable equipment applications.
Notes:
1. Indicates popular target frequencies.
2. The ratio of N/M may be changed by mask option.
n
o
i
t
c
e
l
e
S
0
S
,
1
SM
/
N
)
2
(
k
c
o
l
C
0
1
g
n
i
s
u
(
)
l
a
t
X
z
H
M
k
c
o
l
C
6
.
6
1
g
n
i
s
u
(
)
l
a
t
X
z
H
M
k
c
o
l
C
0
2
g
n
i
s
u
(
)
l
a
t
X
z
H
M
k
c
o
l
C
1
.
2
2
g
n
i
s
u
(
)
l
a
t
X
z
H
M
0
02
–
3
.
3
3
)
1
(
0
42
.
4
4
1
04
0
4
)
1
(
6
.
6
6
)
1
(
0
8
)
1
(
4
.
8
8
0
15
0
5
)
1
(
3
80
0
1
)
1
(
5
.
0
1
1
1
170
7
)
1
(
6
1
1
––


Similar Part No. - PI6C918

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C9911 PERICOM-PI6C9911 Datasheet
643Kb / 9P
5V High-Speed Programmable Skew Clock Buffers
PI6C9911-2J PERICOM-PI6C9911-2J Datasheet
643Kb / 9P
5V High-Speed Programmable Skew Clock Buffers
PI6C9911-5IJ PERICOM-PI6C9911-5IJ Datasheet
643Kb / 9P
5V High-Speed Programmable Skew Clock Buffers
PI6C9911-5J PERICOM-PI6C9911-5J Datasheet
643Kb / 9P
5V High-Speed Programmable Skew Clock Buffers
PI6C9911E-2J PERICOM-PI6C9911E-2J Datasheet
643Kb / 9P
5V High-Speed Programmable Skew Clock Buffers
More results

Similar Description - PI6C918

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843023 ICST-ICS843023 Datasheet
176Kb / 10P
3.3V, 250MHZ LVPECL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
logo
Integrated Device Techn...
IDT5V9888 IDT-IDT5V9888 Datasheet
340Kb / 37P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Maxim Integrated Produc...
MAX3627 MAXIM-MAX3627 Datasheet
619Kb / 11P
3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 4/09
MAX3629 MAXIM-MAX3629 Datasheet
541Kb / 12P
3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 2/09
logo
Integrated Device Techn...
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885T IDT-IDT5V9885T Datasheet
543Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com