Electronic Components Datasheet Search
  English  ▼

X  

EMBE0N10JS Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMBE0N10JS
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMBE0N10JS Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMBE0N10JS Datasheet HTML 1Page - Excelliance MOS Corp. EMBE0N10JS Datasheet HTML 2Page - Excelliance MOS Corp. EMBE0N10JS Datasheet HTML 3Page - Excelliance MOS Corp. EMBE0N10JS Datasheet HTML 4Page - Excelliance MOS Corp. EMBE0N10JS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2015/10/19 
p.4 
EMBE0N10JS
Q   ‐ Gate Charge( nC )
0
0
2
4
g
3
6
I   = 0.9A
6
8
10
D
9
12
50V
V   = 25V
DS
Gate Charge Characteristics
V   ‐ Drain‐Source Voltage( V )
200
0
0
100
DS
20
Crss
Coss
300
500
Ciss
40
60
80
GS
f  =  1M H z
V    = 0 V
Capacitance Characteristics
100
50
150
250
450
400
350
DC
V    ‐ Drain‐Source Voltage( V )
V   = 10V
Single Pulse
R   = 166°C/W
T   = 25°C
DS
JA
A
GS
R 
    
    
Lim
it
DS
(O
N)
0.01
0.1
1
10
100
100
m
S
10m
S
1m
S
10
0u
S
Maximum Safe Operating Area
10
uS
10
100
1
1000
0.1
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Single Pulse Maximum Power Dissipation
5
4
3
2
1
0
0.1
1
10
100
1000
Single Pulse Time( sec )
VGS= 10V
SINGLE PULSE
RθJA=166°C/W
TA=25°C
1
0.5
0.2
0.1
0.05
0.02
0.01
0.0001
0.001
0.01
0.1
1
10
100
300
t1
t2
TJ‐TA=P*RθJA(t)
Duty Cycle, D= t1/ t2
RθJA=166°C/W
RθJA(t) = r(t) * RθJA
t1, Time( sec )
Transient Thermal Response Curve
D=0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com