Electronic Components Datasheet Search
  English  ▼

X  

PI6C919 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C919
Description  3.3V PRECISION CLOCK GENERATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C919 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C919 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C919 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C919 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PS7038B
09/08/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C918/919
3.3V Precision Clock Generator
Notes:
a. Locate crystal as close to X1, X2 pins as possible.
b. Connect a 0.1
µF bypass capacitor at Vcc (Pin 8).
External Circuit
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Ordering Information
Crystal Specifications
It is the customer’s responsibility to procure the prototype and
production crystals directly from crystal vendors.
µ
Ω
.
o
N
t
r
a
P.
q
e
r
F
.
x
a
Me
g
a
k
c
a
P
W
8
1
9
C
6
I
Pz
H
M
0
8
8
-
C
I
O
S
w
o
r
r
a
N
W
A
8
1
9
C
6
I
Pz
H
M
0
0
1
W
B
8
1
9
C
6
I
Pz
H
M
0
2
1
W
9
1
9
C
6
I
Pz
H
M
0
8
W
A
9
1
9
C
6
I
Pz
H
M
0
0
1
W
B
9
1
9
C
6
I
Pz
H
M
0
2
1
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
p
y
T
)
1
(
e
u
l
a
V
F
,
y
c
n
e
u
q
e
r
Fl
a
n
i
m
o
n
z
H
M
0
0
2
3
4
.
8
1
C
°
5
2
t
a
e
c
n
a
r
e
l
o
T
y
c
n
e
u
q
e
r
Fm
p
p
0
5
±
y
t
i
l
i
b
a
t
S
y
c
n
e
u
q
e
r
F
e
r
u
t
a
r
e
p
m
e
T
.
s
v
g
n
i
g
A
.
s
v
)
C
°
0
7
o
t
C
°
0
(
m
p
p
5
3
±
s
r
a
e
y
4
/
m
p
p
5
1
±
e
d
o
M
n
o
i
t
a
l
l
i
c
s
Ol
a
t
n
e
m
a
d
n
u
F
e
d
o
M
n
o
i
t
a
r
b
i
l
a
Ct
n
a
n
o
s
e
r
l
e
l
l
a
r
a
P
C
,
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
L
l
a
t
n
e
m
a
d
n
u
F
,
F
p
0
2
C
,
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
O
l
a
t
n
e
m
a
d
n
u
F
,
.
x
a
m
F
p
7
1
R
,
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S0
5
Ω
l
a
c
i
p
y
T
l
e
v
e
L
e
v
i
r
D1m
Ω
l
a
c
i
p
y
T
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
0
7
o
t
°
0
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
SC
°
5
8
o
t
°
0
4
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com