Electronic Components Datasheet Search
  English  ▼

X  

82C55 Datasheet(PDF) 4 Page - OKI electronic componets

Part # 82C55
Description  CMOS PROGRAMMABLE PERIPHERAL INTERFACE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

82C55 Datasheet(HTML) 4 Page - OKI electronic componets

  82C55 Datasheet HTML 1Page - OKI electronic componets 82C55 Datasheet HTML 2Page - OKI electronic componets 82C55 Datasheet HTML 3Page - OKI electronic componets 82C55 Datasheet HTML 4Page - OKI electronic componets 82C55 Datasheet HTML 5Page - OKI electronic componets 82C55 Datasheet HTML 6Page - OKI electronic componets 82C55 Datasheet HTML 7Page - OKI electronic componets 82C55 Datasheet HTML 8Page - OKI electronic componets 82C55 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4/26
¡ Semiconductor
MSM82C55A-2RS/GS/VJS
ABSOLUTE MAXIMUM RATINGS
–55 to +150
MSM82C55A-2RS
Supply Voltage
VCC
–0.5 to +7
V
Input Voltage
VIN
–0.5 to VCC +0.5
V
Output Voltage
VOUT
–0.5 to VCC +0.5
V
Storage Temperature
TSTG
°C
Power Dissipation
PD
0.7
W
Parameter
Unit
Symbol
Ta = 25°C
Conditions
Rating
MSM82C55A-2GS MSM82C55A-2vJS
1.0
1.0
Ta = 25°C
with respect
to GND
OPERATING RANGE
Supply Voltage
VCC
V
Top
Range
3 to 6
–40 to 85
Parameter
Unit
Symbol
°C
Operating Temperature
RECOMMENDED OPERATING RANGE
DC CHARACTERISTICS
Typ.
Supply Voltage
VCC
5V
Top
+25
"L" Input Voltage
VIL
"H" Input Voltage
VIH
Min.
4.5
–40
–0.3
2.2
Max.
5.5
+85
+0.8
VCC + 0.3
Parameter
Unit
Symbol
°C
V
V
Operating Temperature
Typ.
Max.
"L" Output Voltage
VOL
0.4
V
"H" Output Voltage
VOH
—V
—V
Parameter
Unit
Symbol
Min.
4.2
3.7
IOL = 2.5 mA
IOH = –40 mA
IOH = –2.5 mA
Conditions
VCC = 4.5 V to 5.5 V
Ta = –40°C to +85°C
(CL = 0 pF)
Input Leak Current
ILI
1
mA
Output Leak Current
ILO
10
mA
–1
–10
0
£ VIN £ VCC
0
£ VOUT £ VCC
CS ≥ VCC –0.2 V
VIH ≥ VCC –0.2 V
VIL £ 0.2 V
Supply Current
(Standby)
ICCS
mA
8mA
I/O Wire Cycle
82C55A-2
...8 MHzCPU Timing
ICC
Average Supply
Current (Active)
10
0.1
MSM82C55A-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com