Electronic Components Datasheet Search
  English  ▼

X  

SC72AAB Datasheet(PDF) 7 Page - Bourns Electronic Solutions

Part # SC72AAB
Description  Breaker (Surface Mount Thermal Cutoff Device)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SC72AAB Datasheet(HTML) 7 Page - Bourns Electronic Solutions

  SC72AAB Datasheet HTML 1Page - Bourns Electronic Solutions SC72AAB Datasheet HTML 2Page - Bourns Electronic Solutions SC72AAB Datasheet HTML 3Page - Bourns Electronic Solutions SC72AAB Datasheet HTML 4Page - Bourns Electronic Solutions SC72AAB Datasheet HTML 5Page - Bourns Electronic Solutions SC72AAB Datasheet HTML 6Page - Bourns Electronic Solutions SC72AAB Datasheet HTML 7Page - Bourns Electronic Solutions SC72AAB Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
12/18
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
SC Series Breaker (Surface Mount Thermal Cutoff Device)
Caution when using Breaker (Continued)
HANDLING CAUTIONS
1. Since the breaker body is composed of plastic parts, do not clamp or dent with tools as this could cause a resistance increase or body
damage.
2. Breakerterminalsarethincopper-alloywithrightangleedges.Handlecarefullytoavoidinjurytofingers.Handlingwhilewearingfinger
cots and using tweezers is recommended.
3. WhenmountingthebreakeronacellorPCMboard,becarefultoavoidplacingexcessivestressonthebreakerbodyandterminals.
Excessivestressmaycausearesistanceincreaseorbodydamage.Pleaserefertothefollowingcautions:
a) Do not apply more than 5 N (AAB) or 10 N (AAA) moment to the breaker body (refer to Figure 1)
b) Do not apply more than 1.5 cN-m (AAB) or 3 cN-m (AAA) twist torque to the breaker body (refer to Figure 2)
c) Do not apply more than 15 N (AAB) or 30 N (AAA) bending force to the breaker body (refer to Figure 3)
Due to possible updates to safety standards and other reasons,
theremaybechangesinspecificationsforthisdatasheetwithout
priornotification.Therefore,beforedesign-inforyourapplication,
pleasecontactusforthemostup-to-datespecifications.
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 520 390
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com
Figure 1
Figure 2
Figure 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com