Electronic Components Datasheet Search
  English  ▼

X  

SC77AAB Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SC77AAB
Description  Breaker (Surface Mount Thermal Cutoff Device)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SC77AAB Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SC77AAB Datasheet HTML 1Page - Bourns Electronic Solutions SC77AAB Datasheet HTML 2Page - Bourns Electronic Solutions SC77AAB Datasheet HTML 3Page - Bourns Electronic Solutions SC77AAB Datasheet HTML 4Page - Bourns Electronic Solutions SC77AAB Datasheet HTML 5Page - Bourns Electronic Solutions SC77AAB Datasheet HTML 6Page - Bourns Electronic Solutions SC77AAB Datasheet HTML 7Page - Bourns Electronic Solutions SC77AAB Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
SC Series Breaker (Surface Mount Thermal Cutoff Device)
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Typical Performance
Current vs. Temperature Curves
A-Type
Temperature (°C)
9
10
11
12
13
14
7
6
5
4
3
2
1
0
8
15
20
30
40
50
60
70
80
SC72A
 (Low 67 °C avg.)
SC77A
 (Low 72 °C avg.)
SC82A
 (Low 77 °C avg.)
SC85A
 (Low 80 °C avg.)
4.7
(.185)
4.4 +0.25/-0.05
(.173 +.010/-.002)
ARM
TERMINAL
BASE
TERMINAL
COVER
BIMETAL
DISC
ARM
COVER PLATE
BASE
CONTACT
PTC
2.8
(.110)
0.125
(.005)
R
4 PLCS.
4 PLCS.
1.07 ± 0.05
(.042 ± .002) SCxxAAA
0.94 ± 0.05
(.037 ± .002) SCxxAAB
0.08
(.003)
1.71
(.067)
1.71
(.067)
0.5
(.020)
1.54
(.061)
1.49
(.059)
BASE
TERMINALS
ARM
TERMINALS
3.42
(.135)
2.3
(.091)
0.7
(.028)
BASE
TERMINALS
ARM
TERMINALS
0.7
(.028)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com