Electronic Components Datasheet Search
  English  ▼

X  

BP5136HC Datasheet(PDF) 1 Page - Bright Power Semiconductor Co., Ltd.

Part # BP5136HC
Description  High Voltage Multi-channel linear LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP5136HC Datasheet(HTML) 1 Page - Bright Power Semiconductor Co., Ltd.

  BP5136HC Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP5136HC Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BP5136HC
High Voltage Multi-channel linear LED Driver
BP5136HC_EN_DS_Rev.1.0
www.bpsemi.com
1
Bright Power Semiconductor Co. Confidential – Customer Use Only
Description
BP5136HC is a high-precision multi-channel
linear LED driver which integrates high voltage
rectifier and JFET for IC power supply. It is mainly
used to drive high-voltage and low-current LED
strings from AC mains directly. BP5136HC can
achieve small size、long life and compliance with
EMI regulations, since it doesn’t need electrolytic
capacitors or any of magnetic components
The BP5136HC can set the LED current precisely
through an external resistor. The chip can reduce
the THD by optimizing the current through each
segment.
BP5136HC has a function of thermal fold back.
This function will reduce the output current when
the input voltage or the current of LED is too high.
BP5136HC integrates current compensation for
input line voltage; When the input line voltage is
too high, BP5136HC will reduce the output current
according to the external compensation resistor to
ensure that the input power does not change with
the line voltage.
Features
Simple BOM, small size
No
electrolytic
capacitor
or
magnetic
component needed
Integrated with 500V MOS
Can working with ±20 % variation on line
voltage;
Fast start-up
±5% output LED current accuracy
External setting of LED current
Input line voltage compensation
SOP8-EP package
Application
GU10/E27 LED Bulb、spotlight
LED candle light
Other LED lights
Typical Application
BP5136HC
AC
GND
D3
VD
D4
D1 8
7
6
5
1
2
4
CS
NC
3
D2
RCS
RD
GND
Fig.1 BP5136HC Typical Application


Similar Part No. - BP5136HC

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP5131D BPS-BP5131D Datasheet
163Kb / 2P
High Voltage Linear LED Driver
BP5131DB BPS-BP5131DB Datasheet
163Kb / 2P
High Voltage Linear LED Driver
BP5131DC BPS-BP5131DC Datasheet
163Kb / 2P
High Voltage Linear LED Driver
BP5131HC BPS-BP5131HC Datasheet
494Kb / 2P
High Voltage Linear LED Driver
BP5131JC BPS-BP5131JC Datasheet
326Kb / 2P
High Voltage Linear LED Driver
More results

Similar Description - BP5136HC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3466 TI1-LM3466_12 Datasheet
283Kb / 13P
Smart Linear LED Driver for Multi-Channel LED Systems
February 2, 2012
logo
Global Mixed-mode Techn...
G2602 GMT-G2602 Datasheet
30Kb / 1P
High Voltage Multi-Topology LED Driver
logo
Bright Power Semiconduc...
BP5131D BPS-BP5131D Datasheet
163Kb / 2P
High Voltage Linear LED Driver
logo
Maxic Technology Corpor...
MT7606 MAXIC-MT7606 Datasheet
151Kb / 1P
High Voltage Linear LED Driver
logo
Bright Power Semiconduc...
BP5116DJ BPS-BP5116DJ Datasheet
496Kb / 2P
High Voltage Linear LED Driver
BP5131HC BPS-BP5131HC Datasheet
494Kb / 2P
High Voltage Linear LED Driver
BP5131JC BPS-BP5131JC Datasheet
326Kb / 2P
High Voltage Linear LED Driver
BP5151DJ BPS-BP5151DJ Datasheet
175Kb / 1P
High Voltage Linear LED Driver
BP5151HC BPS-BP5151HC Datasheet
497Kb / 2P
High Voltage Linear LED Driver
logo
Maxic Technology Corpor...
MT7607H MAXIC-MT7607H Datasheet
97Kb / 1P
High Voltage Linear LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com