Electronic Components Datasheet Search
  English  ▼

X  

SF1538DP Datasheet(PDF) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF1538DP
Description  High Performance PWM Power Switch Programmable Fsw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF1538DP Datasheet(HTML) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF1538DP Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF1538DP Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©SiFirst Technology
- 2 -
Confidential
SiFirst_DS_1538_V1.2
SF1538
Pin Configuration
RT
VDD
1
2
3
FB
GND
GND
Drain
DIP8
4
8
7
6
5
CS
Drain
Ordering Information
Part Number
Top Mark
Package
Tape & Reel
SF1538DP
SF1538DP
DIP8
RoHs
Output Power Table
(1)
Part Number
230VAC ± 15%
(2)
85-265VAC
Adapter
(3)
Open Frame
(4)
Adapter
(3)
Open Frame
(4)
SF1538DP
18W
26W
13W
16W
Note 1. The Max. output power is limited by junction temperature
Note 2. 230VAC or 100/115VAC with doublers
Note 3. Typical continuous power in a non-ventilated enclosed adapter with sufficient drain pattern as a heat
sink at 50
oC ambient.
Note 4. Max. practical continuous power in a open-frame design with sufficient drain pattern as a heat sink at
50
oC ambient.
Marking Information
YWW: Year&Week code



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com